Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS640A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # IRFS640A
Description  Rugged Gate Oxide Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFS640A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  IRFS640A Datasheet HTML 1Page - Fairchild Semiconductor IRFS640A Datasheet HTML 2Page - Fairchild Semiconductor IRFS640A Datasheet HTML 3Page - Fairchild Semiconductor IRFS640A Datasheet HTML 4Page - Fairchild Semiconductor IRFS640A Datasheet HTML 5Page - Fairchild Semiconductor IRFS640A Datasheet HTML 6Page - Fairchild Semiconductor IRFS640A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
N-CHANNEL
POWER MOSFET
Fig 7. Breakdown Voltage vs. Temperature
Fig 8. On-Resistance vs. Temperature
Fig 11. Thermal Response
Fig 10. Max. Drain Current vs. Case Temperature
Fig 9. Max. Safe Operating Area
P
DM
t
1
t
2
IRFS640A
-75
-50
-25
0
25
50
75
100
125
150
175
0.8
0.9
1.0
1.1
1.2
@ Notes :
1. V
GS
= 0 V
2. I
D
= 250
µA
T
J
, Junction Temperature [
oC]
-75
-50
-25
0
25
50
75
100
125
150
175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
@ Notes :
1. V
GS
= 10 V
2. I
D
= 9.0 A
T
J
, Junction Temperature [
oC]
25
50
75
100
125
150
0
2
4
6
8
10
T
c
, Case Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
single pulse
0.2
0.1
0.01
0.02
0.05
D=0.5
@ Notes :
1. ZθJC(t)=2.89
o C/W Max.
2. Duty Factor, D=t
1
/t
2
3. T
JM
-T
C
=P
DM
*Z
θ JC
(t)
t
1
, Square Wave Pulse Duration
[sec]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
µs
100 ms
DC
100
µs
1 ms
10 ms
@ Notes :
1. T
C
= 25
oC
2. T
J
= 150
oC
3. Single Pulse
Operation in This Area
is Limited by R
DS(on)
V
DS
, Drain-Source Voltage [V]


Similar Part No. - IRFS640A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRFS640A SAMSUNG-IRFS640A Datasheet
304Kb / 6P
   Improved gate charge
logo
Inchange Semiconductor ...
IRFS640A ISC-IRFS640A Datasheet
59Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFS640A

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCS70R600S SEMIHOW-HCS70R600S Datasheet
168Kb / 7P
   Robust Gate Oxide Technology
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
   Avalanche Rugged Technology
IRFW530ATM FAIRCHILD-IRFW530ATM Datasheet
261Kb / 7P
   Avalanche Rugged Technology
SFR9024TF FAIRCHILD-SFR9024TF Datasheet
236Kb / 7P
   Avalanche Rugged Technology
IRLU110ATU FAIRCHILD-IRLU110ATU Datasheet
246Kb / 9P
   Avalanche Rugged Technology
IRFR120ATM FAIRCHILD-IRFR120ATM Datasheet
258Kb / 7P
   Avalanche Rugged Technology
SFR9224TF FAIRCHILD-SFR9224TF Datasheet
268Kb / 7P
   Avalanche Rugged Technology
logo
Kersemi Electronic Co.,...
IRFM120A KERSEMI-IRFM120A Datasheet
725Kb / 6P
   Avalanche Rugged Technology
logo
Fairchild Semiconductor
IRFU120ATU FAIRCHILD-IRFU120ATU Datasheet
258Kb / 7P
   Avalanche Rugged Technology
IRFM120ATF FAIRCHILD-IRFM120ATF Datasheet
274Kb / 7P
   Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com