Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC04D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHC04D
Description  Hex inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC04D Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC04D Datasheet HTML 1Page - NXP Semiconductors 74AHC04D Datasheet HTML 2Page - NXP Semiconductors 74AHC04D Datasheet HTML 3Page - NXP Semiconductors 74AHC04D Datasheet HTML 4Page - NXP Semiconductors 74AHC04D Datasheet HTML 5Page - NXP Semiconductors 74AHC04D Datasheet HTML 6Page - NXP Semiconductors 74AHC04D Datasheet HTML 7Page - NXP Semiconductors 74AHC04D Datasheet HTML 8Page - NXP Semiconductors 74AHC04D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Sep 27
3
Philips Semiconductors
Product specification
Hex inverter
74AHC04; 74AHCT04
ORDERING INFORMATION
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74AHC04D
74AHC04D
14
SO
plastic
SOT108-1
74AHC04PW
74AHC04PW DH
14
TSSOP
plastic
SOT402-1
74AHCT04D
74AHCT04D
14
SO
plastic
SOT108-1
74AHCT04PW
74AHCT04PW DH
14
TSSOP
plastic
SOT402-1
Fig.1 Pin configuration.
handbook, halfpage
MNA340
04
1
2
3
4
5
6
7
8
14
13
12
11
10
9
1A
1Y
2A
2Y
3A
3Y
GND
4Y
4A
5Y
5A
6Y
6A
VCC
Fig.2 Logic diagram (one gate).
handbook, halfpage
MNA341
A
Y
Fig.3 Functional diagram.
handbook, halfpage
MNA342
1A
1Y
1
2
2A
2Y
3
4
3A
3Y
5
6
4A
4Y
9
8
5A
5Y
11
10
6A
6Y
13
12
Fig.4 IEC logic symbol.
handbook, halfpage
1
1
2
MNA343
3
1
4
5
1
6
9
1
8
11
1
10
13
1
12


Similar Part No. - 74AHC04D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC04D NEXPERIA-74AHC04D Datasheet
234Kb / 13P
   Hex inverter
Rev. 7 - 10 September 2020
74AHC04D-Q100 NEXPERIA-74AHC04D-Q100 Datasheet
701Kb / 15P
   Hex inverter
More results

Similar Description - 74AHC04D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com