Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC123APW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AHC123APW
Description  Dual retriggerable monostable multivibrator with reset
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC123APW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AHC123APW Datasheet HTML 6Page - NXP Semiconductors 74AHC123APW Datasheet HTML 7Page - NXP Semiconductors 74AHC123APW Datasheet HTML 8Page - NXP Semiconductors 74AHC123APW Datasheet HTML 9Page - NXP Semiconductors 74AHC123APW Datasheet HTML 10Page - NXP Semiconductors 74AHC123APW Datasheet HTML 11Page - NXP Semiconductors 74AHC123APW Datasheet HTML 12Page - NXP Semiconductors 74AHC123APW Datasheet HTML 13Page - NXP Semiconductors 74AHC123APW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2000 Mar 15
10
Philips Semiconductors
Product specification
Dual retriggerable monostable multivibrator
with reset
74AHC123A;
74AHCT123A
DC CHARACTERISTICS
Family 74AHC
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. Voltage on pin nREXT/CEXT = 0.5 × VCC and pin REXT/CEXT in OFF-state during test.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VIH
HIGH-level input
voltage
2.0
1.5
−−
1.5
1.5
V
3.0
2.1
−−
2.1
2.1
V
5.5
3.85
−−
3.85
3.85
V
VIL
LOW-level input
voltage
2.0
−−
0.5
0.5
0.5
V
3.0
−−
0.9
0.9
0.9
V
5.5
−−
1.65
1.65
1.65
V
VOH
HIGH-level output
voltage
VI =VIH or VIL;
IO = −50 µA
2.0
1.9
2.0
1.9
1.9
V
3.0
2.9
3.0
2.9
2.9
V
4.5
4.4
4.5
4.4
4.4
V
VI =VIH or VIL;
IO = −4.0 mA
3.0
2.58
−−
2.48
2.40
V
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.70
V
VOL
LOW-level output
voltage
VI =VIH or VIL;
IO =50 µA
2.0
0
0.1
0.1
0.1
V
3.0
0
0.1
0.1
0.1
V
4.5
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO = 4.0 mA
3.0
−−
0.36
0.44
0.55
V
VI =VIH or VIL;
IO = 8.0 mA
4.5
−−
0.36
0.44
0.55
V
II
input leakage
current;
REXT/CEXT
VI =VCC
or GND; note 1
5.5
−−±0.25 −±2.5
−±10.0 µA
input leakage
current;
nA, nB, nRD
VI =VCC or GND
5.5
−−±0.1
−±1.0
−±2.0
µA
ICC
quiescent supply
current
VI =VCC
or GND; IO =0
5.5
−−
4.0
40
80
µA
quiescent supply
current active
state (per circuit)
VI =VCC
or GND; note 1
3
160
250
280
280
µA
4.5
380
500
650
650
µA
5.5
560
750
975
975
µA
CI
input capacitance
−−
510
10
10
pF


Similar Part No. - 74AHC123APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC123APW NXP-74AHC123APW Datasheet
122Kb / 21P
   Dual retriggerable monostable multivibrator with reset
Rev. 02-18 January 2008
logo
Nexperia B.V. All right...
74AHC123APW NEXPERIA-74AHC123APW Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74AHC123APW-Q100 NXP-74AHC123APW-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
logo
Nexperia B.V. All right...
74AHC123APW-Q100 NEXPERIA-74AHC123APW-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
More results

Similar Description - 74AHC123APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com