Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10136-7242VC Datasheet(PDF) 4 Page - 3M Electronics

Part # 10136-7242VC
Description  3M Mini D Ribbon (MDR) Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10136-7242VC Datasheet(HTML) 4 Page - 3M Electronics

  10136-7242VC Datasheet HTML 1Page - 3M Electronics 10136-7242VC Datasheet HTML 2Page - 3M Electronics 10136-7242VC Datasheet HTML 3Page - 3M Electronics 10136-7242VC Datasheet HTML 4Page - 3M Electronics 10136-7242VC Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
3MMini D Ribbon (MDR) Connectors
.050” Boardmount Thru-Hole Right Angle Plug — Shielded
101 Series
Contact
Q
i
Dimensions
Quantity
A
B
20
.450 [11.43]
1.081 [27.45]
26
.600 [15.24]
1.231 [31.26]
36
.850 [21.59]
1.481 [37.61]
50
1.200 [30.48]
1.831 [46.50]
TS-0620-07
Sheet 4 of 4
2X 1
.35
[9.0]
Position 2
Position 3
Position 1
B ± .004
A
.20
[5.0]
.050
[1.27]
.35
[9.0]
Position 2
Position 3
Position 1
.04
[1.1]
.19 Max
[4.8]
3X .075
[1.91]
Connecting with
Position 1
Connecting with
Row
.16
[4.0]
2X
.16
[4.0]
.20
[5.0]
.050
[1.27]
A
B ± .004
Position 2
Position 3
Connecting with
Position 1
Connecting with
Row
.04
[1.1]
.19 Max
[4.8]
3X .075
[1.91]
C ± .004
B ± .004
R .060
[1.52]
Note: Panel thickness .079 [2.00] Max.
Recommended Panel Cut-Out
Note: Plated through holes for .062” board thickness
«
.028 ± .003
[0.71]
«
.028 ± .003
[0.71]
Recommended Board Layout (Reverse Plug)
(Plug viewed from Connector side Receptacle viewed from bottom side)
Boardmount Plug
(Right Angle Reverse type)
101XX-72X2
Receptacle
(Right Angle type)
102XX-5XXX
.57
[14.5]
Row
Row
Position 2
Position 3
For 20 & 36 Position only
For 26 & 50 Position
only
PC Boardmounting Holes: 2X
Screw Lock « .110 [2.8] (20, 26, 36 pos)
Ground Lock « .100 [2.6]
Scre Lock « .120 [3.0] (50 pos)
.340 ± .004
[8.64]
1
1


Similar Part No. - 10136-7242VC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10136-7242PC 3M-10136-7242PC Datasheet
550Kb / 7P
   3M Mini D Ribbon (MDR) Connectors
More results

Similar Description - 10136-7242VC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10214-55G3JL 3M-10214-55G3JL Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10214-6202VC 3M-10214-6202VC Datasheet
395Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
N102A0-52B2VC 3M-N102A0-52B2VC Datasheet
440Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
1021455G3PL 3M-1021455G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com