Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G07 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHC1G07
Description  Buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G07 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC1G07 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 10Page - NXP Semiconductors 74AHC1G07 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2002 Oct 02
7
Philips Semiconductors
Product specification
Buffer with open-drain output
74AHC1G07; 74AHCT1G07
AC CHARACTERISTICS
Type 74AHC1G07
GND = 0 V; tr =tf ≤ 3.0 ns.
Notes
1. Typical values are measured at VCC = 3.3 V.
2. Typical values are measured at VCC = 5.0 V.
Type 74AHCT1G07
GND = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values are measured at VCC =5V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
(pF)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 3.0 to 3.6 V; note 1
tPZL/tPLZ
propagation delay
AtoY
see Figs 5 and 6 15
3.5
5.6
1.0
6.3
1.0
7.0
ns
15
5.8
7.9
1.0
8.4
1.0
8.9
ns
50
5.0
8.0
1.0
9.0
1.0
10.0
ns
50
8.3
11.5
1.0
12.0
1.0
12.5
ns
VCC = 4.5 to 5.5 V; note 2
tPZL/tPLZ
propagation delay
AtoY
see Figs 5 and 6 15
2.5
3.9
1.0
4.6
1.0
4.9
ns
15
4.2
5.1
1.0
5.6
1.0
6.1
ns
50
3.6
5.5
1.0
6.5
1.0
7.0
ns
50
6.0
7.5
1.0
8.0
1.0
8.5
ns
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
(pF)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPZL/tPLZ
propagation delay
AtoY
see Figs 5 and 6 15
2.8
4.6
1.0
5.3
1.0
5.6
ns
15
3.9
5.6
1.0
6.1
1.0
6.6
ns
50
4.0
6.5
1.0
7.5
1.0
8.0
ns
50
5.5
8.0
1.0
8.5
1.0
9.0
ns


Similar Part No. - 74AHC1G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G07 NXP-74AHC1G07 Datasheet
78Kb / 11P
   Buffer with open-drain output
Rev. 06-7 June 2007
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74AHC1G07-Q100 NEXPERIA-74AHC1G07-Q100 Datasheet
204Kb / 10P
   Buffer with open-drain output
Rev. 4 - 11 January 2022
logo
NXP Semiconductors
74AHC1G07GV NXP-74AHC1G07GV Datasheet
78Kb / 11P
   Buffer with open-drain output
Rev. 06-7 June 2007
logo
Nexperia B.V. All right...
74AHC1G07GV NEXPERIA-74AHC1G07GV Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
More results

Similar Description - 74AHC1G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
   Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
   Buffer with open-drain output
Rev. 7-18 November 2014
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
   Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07 NEXPERIA-74LVC1G07 Datasheet
266Kb / 17P
   Buffer with open-drain output
Rev. 16 - 3 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com