Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF640NL Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # IRF640NL
Description  N-Channel Power MOSFETs 200V, 18A, 0.15ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF640NL Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button IRF640NL Datasheet HTML 2Page - Fairchild Semiconductor IRF640NL Datasheet HTML 3Page - Fairchild Semiconductor IRF640NL Datasheet HTML 4Page - Fairchild Semiconductor IRF640NL Datasheet HTML 5Page - Fairchild Semiconductor IRF640NL Datasheet HTML 6Page - Fairchild Semiconductor IRF640NL Datasheet HTML 7Page - Fairchild Semiconductor IRF640NL Datasheet HTML 8Page - Fairchild Semiconductor IRF640NL Datasheet HTML 9Page - Fairchild Semiconductor IRF640NL Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B
Figure 16. Gate Charge Test Circuit
Figure 17. Gate Charge Waveforms
Figure 18. Switching Time Test Circuit
Figure 19. Switching Time Waveforms
Test Circuits and Waveforms (Continued)
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = 2V
Qg(10)
VGS = 10V
Qg(TOT)
VGS = 20V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0


Similar Part No. - IRF640NL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF640NL IRF-IRF640NL Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
IRF640NL IRF-IRF640NL Datasheet
240Kb / 11P
   HEXFET Power MOSFET
IRF640NL IRF-IRF640NL Datasheet
248Kb / 12P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NL KERSEMI-IRF640NL Datasheet
1Mb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF640NL ISC-IRF640NL Datasheet
288Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IRF640NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
   18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
logo
International Rectifier
IRF640N IRF-IRF640N Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
   18A 200V N CHANNEL POWER MOSFET
IRF640FP FCI-IRF640FP Datasheet
231Kb / 5P
   IRF640FP 18A 200V N CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P18LF6QNK SHINDENGEN-P18LF6QNK Datasheet
470Kb / 4P
   Power MOSFETs 60V, 18A, N-channel
logo
Unisonic Technologies
UF640V UTC-UF640V Datasheet
214Kb / 5P
   18A, 200V, 0.18OHM N-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P18LF6QLK SHINDENGEN-P18LF6QLK Datasheet
470Kb / 4P
   Power MOSFETs 60V, 18A, N-channel
P18LA12SL SHINDENGEN-P18LA12SL Datasheet
1Mb / 7P
   Power MOSFETs 120V, 18A, N-channel
logo
Bruckewell Technology L...
MSL03N20 BWTECH-MSL03N20 Datasheet
584Kb / 6P
   200V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com