Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT1G08GW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHCT1G08GW
Description  2-input AND gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G08GW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHCT1G08GW Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G08GW Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G08GW Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G08GW Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G08GW Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G08GW Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G08GW Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G08GW Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G08GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Jan 27
6
Philips Semiconductors
Product specification
2-input AND gate
74AHC1G08; 74AHCT1G08
Family 74AHCT1G
Over recommended operating conditions; voltage are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
+25
−40 to +85
MIN.
TYP.
MAX.
MIN.
MAX.
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
2.0
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
0.8
V
VOH
HIGH-level output
voltage; all outputs
VI =VIH or VIL;
IO = −50 µA
4.5
4.4
4.5
4.4
V
VOH
HIGH-level output
voltage
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
V
VOL
LOW-level output
voltage; all outputs
VI =VIH or VIL;
IO =50 µA
4.5
0
0.1
0.1
V
VOL
LOW-level output voltage VI =VIH or VIL;
IO =8mA
4.5
−−
0.36
0.44
V
II
input leakage current
VI =VIH or VIL
5.5
−−
0.1
1.0
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
5.5
−−
1.0
10
µA
∆I
CC
additional quiescent
supply current per input
pin
VI = 3.4 V
other inputs at
VCC or GND; IO =0
5.5
−−
1.35
1.5
mA
CI
input capacitance
1.5
10
10
pF


Similar Part No. - 74AHCT1G08GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G08GW PHILIPS-74AHCT1G08GW Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
74AHCT1G08GW NXP-74AHCT1G08GW Datasheet
77Kb / 11P
   2-input AND gate
Rev. 06-29 June 2007
74AHCT1G08GW NXP-74AHCT1G08GW Datasheet
63Kb / 6P
   2-input AND gate
B.V. 2007
logo
Nexperia B.V. All right...
74AHCT1G08GW NEXPERIA-74AHCT1G08GW Datasheet
210Kb / 11P
   2-input AND gate
Rev. 8 - 11 January 2022
74AHCT1G08GW-Q100 NEXPERIA-74AHCT1G08GW-Q100 Datasheet
682Kb / 12P
   2-input AND gate
More results

Similar Description - 74AHCT1G08GW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com