Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHC1G1
Description  Inverting Schmitt trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G1 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC1G1 Datasheet HTML 1Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 2Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2002 Jun 06
3
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC1G14; 74AHCT1G14
ORDERING INFORMATION
PINNING
TYPE NUMBER
PACKAGES
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74AHC1G14GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
AF
74AHCT1G14GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
CF
74AHC1G14GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
A14
74AHCT1G14GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
C14
PIN
SYMBOL
DESCRIPTION
1
n.c.
not connected
2
A
data input A
3
GND
ground (0 V)
4
Y
data output Y
5VCC
supply voltage
Fig.1 Pin configuration.
handbook, halfpage
1
2
3
5
4
MNA022
14
VCC
A
Y
GND
n.c
Fig.2 Logic symbol.
handbook, halfpage
MNA023
AY
2
4
Fig.3 IEC logic symbol.
handbook, halfpage
24
MNA024
Fig.4 Logic diagram.
handbook, halfpage
MNA025
A
Y


Similar Part No. - 74AHC1G1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G1 PHILIPS-74AHC1G1 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74AHC1G125 PHILIPS-74AHC1G125 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74AHC1G125 NXP-74AHC1G125 Datasheet
102Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 09-22 June 2009
logo
Diodes Incorporated
74AHC1G125 DIODES-74AHC1G125 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
logo
Nexperia B.V. All right...
74AHC1G125 NEXPERIA-74AHC1G125 Datasheet
246Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 13 - 11 January 2022
More results

Similar Description - 74AHC1G1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com