Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

580400B00000 Datasheet(PDF) 2 Page - Aavid, Thermal Division of Boyd Corporation

Part # 580400B00000
Description  For use with 20 PIN DIP packages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

580400B00000 Datasheet(HTML) 2 Page - Aavid, Thermal Division of Boyd Corporation

  580400B00000 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 580400B00000 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thermal Curves
Product Information
12 Digit Part #
Description
Finish
Board
Mounting
580400b00000
Heat Sink FOR 20
Pin dip
Black
Anodize
N/A
Not Exactly what you need?
We offer several options for those applications which require a more unique solution. For
slight modifications of this part or other attachment options, finishes, and interface
materials, contact your local representative. Challenge us with your thermal
requirements - we can design custom solutions.
For technical help with our Standard Products,
please call (603) 223-1921, or contact your local Manufacturer’s Rep
Email: info@aavid.com
Visit us at www.aavidthermalloy.com • ©2002 Aavid Thermalloy, LLC
Page 2 of 2
Standard Products Found
2/26/2003
http://www.aavidthermalloy.com/bin/stdisp_print.pl?Pnum=580400b00000


Similar Part No. - 580400B00000

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
580400B00000G AAVID-580400B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
580400B00000G AAVID-580400B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

Similar Description - 580400B00000

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
580500B00000 AAVID-580500B00000 Datasheet
92Kb / 2P
   For use with 24 PIN DIP packages
580300B00000 AAVID-580300B00000 Datasheet
91Kb / 2P
   For use with 18 PIN DIP packages
508500B00000 AAVID-508500B00000 Datasheet
73Kb / 2P
   For use with 24 PIN DIP packages
580700B00000 AAVID-580700B00000 Datasheet
89Kb / 2P
   For use with 40 PIN PLASTIC DIP packages
501200B00000 AAVID-501200B00000 Datasheet
74Kb / 2P
   For use with 14 or 16 Pin dip packages
580200B00000 AAVID-580200B00000 Datasheet
88Kb / 2P
   For use with 14 or 16 PIN DIP packages
501503B00100 AAVID-501503B00100 Datasheet
87Kb / 2P
   For use with TO-3 packages
513102B02500 AAVID-513102B02500 Datasheet
82Kb / 2P
   For use with TO-220 packages
530001B02500 AAVID-530001B02500 Datasheet
84Kb / 2P
   For use with TO-218 packages
530613B00000 AAVID-530613B00000 Datasheet
78Kb / 2P
   For use with TO-220 packages
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com