Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A32-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A32-1
Description  Cascadable Amplifier 100 to 2000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A32-1 Datasheet(HTML) 1 Page - Tyco Electronics

  A32-1 Datasheet HTML 1Page - Tyco Electronics A32-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"#
$
%
& '
'
'
( )'
* ' +
%$ ! &
'()
*
*
*
+
+ ,!
' ! - !.
/
' !
!
-
.
/
0
0
0
1 2
3
!
/
4
,$
-
.
/
5
6$ #$
7
/
# - !.
/
35
/
8
35
/
8
+
! 6
(
!
3
5
/
8
+9 1 3!#$
6$ #$ -
.
:; ;$
! 7
-
.
<
,
=69 463
+> 3
'?1>
/ - @5 .
(3
'( 6? 5? => >=
/
- @5 .
A>:3?A
(3
1: 61:>1 35 8
/
- @5 .
' <
> :>+3
'4
" <
* 1
#
"&B
,!C " " $
" !
!$
$ !,#
$
#
!
! " ,"
B &
"
!,
, ' <
>
B D
#
,!
# &
#
2 #
!
"
2
B
B !
%$ ! & !,
<! 1
" D
$
:; #
$## &
$# !,
/ " 6*
! +$
A $! #
D ,
"
&
C ! A3=*+ :*
!2 !
!
! !,
2
B
%
-
.
/ %
. -
0
1 .
<
*
6*
+A<
*
+$
A $!
;<
* EE
+A< ; !!
)
0
2 3
4
.
0
2 3
+
,
#
$
*
F;
8
F;
;
#
$
8
F;
:;
,
8
; ! !$ $ 3!#$ 5
/
+"
3!#$ #
-
!$
.
9
5
D5
- G
.
9
H+I+
/$ !*3!
#
$
-
.
8
F;
"
5
4
.
"
1
!
JK
F; 9
!
5
:
#
! 5
9
L$!
!
#
$
1
<B 2 ;
K
8
F;
E62
#
$
#
!
#
!$ B
;<
* C,$
!
;
8
; ! &
EE "
!!
)
2
!
!
1 (
#
!


Similar Part No. - A32-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A32-1 MA-COM-A32-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A32-1 MA-COM-A32-1 Datasheet
726Kb / 3P
   Cascadable Amplifier
A32-1-SMA32-1 MA-COM-A32-1-SMA32-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A32-1 MA-COM-A32-1_15 Datasheet
726Kb / 3P
   Cascadable Amplifier
More results

Similar Description - A32-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
   100 TO 2000 MHz CASCADABLE AMPLIFIER
A34 MACOM-A34_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
RA36 MACOM-RA36 Datasheet
496Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A32 MA-COM-A32 Datasheet
648Kb / 3P
   Cascadable Amplifier 100 to 2000 MHz
logo
Tyco Electronics
A34 MACOM-A34 Datasheet
107Kb / 1P
   100 TO 2000 MHz CASCADABLE AMPLIFIER
A32 MACOM-A32_1 Datasheet
368Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA34 MA-COM-SMA34 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
RA36 MA-COM-RA36 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
SMA31-1 MA-COM-SMA31-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com