Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA67 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SMA67
Description  Cascadable Amplifier 10 to 800 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA67 Datasheet(HTML) 2 Page - Tyco Electronics

  SMA67 Datasheet HTML 1Page - Tyco Electronics SMA67 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cascadable Amplifier
10 to 800 MHz
A67/ SMA67
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Outline Drawing: TO-8
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount
*
Outline Drawing: SMA Connectorized
*
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Similar Part No. - SMA67

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SMA67 MA-COM-SMA67 Datasheet
638Kb / 3P
   Cascadable Amplifier
logo
Tyco Electronics
SMA67-1 MACOM-SMA67-1 Datasheet
100Kb / 1P
   10 TO 600 MHz CASCADABLE AMPLIFIER
SMA67-1 MACOM-SMA67-1 Datasheet
385Kb / 2P
   Cascadable Amplifier 10 to 600 MHz
logo
M/A-COM Technology Solu...
SMA67-1 MA-COM-SMA67-1 Datasheet
649Kb / 3P
   Cascadable Amplifier 10 to 600 MHz
More results

Similar Description - SMA67

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A67 MA-COM-A67 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 800 MHz
logo
Teledyne Technologies I...
AC829 TELEDYNE-AC829 Datasheet
176Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC848 TELEDYNE-AC848 Datasheet
178Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC838 TELEDYNE-AC838 Datasheet
174Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC847 TELEDYNE-AC847 Datasheet
178Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC838 ETC-AC838 Datasheet
105Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A89 MA-COM-A89 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 800 MHz
logo
Tyco Electronics
A89 MACOM-A89 Datasheet
113Kb / 1P
   100 TO 800 MHz CASCADABLE AMPLIFIER
A89 MACOM-A89_1 Datasheet
387Kb / 2P
   Cascadable Amplifier 100 to 800 MHz
logo
M/A-COM Technology Solu...
A89 MA-COM-A89_15 Datasheet
652Kb / 3P
   Cascadable Amplifier 100 to 800 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com