Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT245PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHCT245PW
Description  Octal bus transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT245PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHCT245PW Datasheet HTML 1Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 2Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 3Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 4Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 5Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 6Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 7Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 8Page - NXP Semiconductors 74AHCT245PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1999 Sep 28
3
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state
74AHC245; 74AHCT245
ORDERING INFORMATION
PINNING
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74AHC245D
74AHC245D
20
SO
plastic
SOT163-1
74AHC245PW
74AHC245PW DH
20
TSSOP
plastic
SOT360-1
74AHCT245D
74AHCT245D
20
SO
plastic
SOT163-1
74AHCT245PW
7AHCT245PW DH
20
TSSOP
plastic
SOT360-1
PIN
SYMBOL
DESCRIPTION
1
DIR
direction control
2to9
A0 to A7
data inputs/outputs
10
GND
ground (0 V)
11 to 18
B7 to B0
data inputs/outputs
19
OE
output enable input (active LOW)
20
VCC
DC supply voltage
Fig.1 Pin configuration.
handbook, halfpage
DIR
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OE
B0
B1
B3
B4
B2
B5
B6
B7
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
245
MNA173


Similar Part No. - 74AHCT245PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT245PW NXP-74AHCT245PW Datasheet
424Kb / 16P
   Octal bus transceiver 3-state
Rev. 03-25 September 2007
logo
Nexperia B.V. All right...
74AHCT245PW NEXPERIA-74AHCT245PW Datasheet
265Kb / 16P
   Octal bus transceiver; 3-state
Rev. 6 - 3 July 2020
74AHCT245PW-Q100 NEXPERIA-74AHCT245PW-Q100 Datasheet
719Kb / 17P
   Octal bus transceiver; 3-state
More results

Similar Description - 74AHCT245PW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com