Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP12MS9AVBE2 Datasheet(PDF) 7 Page - ITT Industries

Part # TP12MS9AVBE2
Description  Tiny Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TP12MS9AVBE2 Datasheet(HTML) 7 Page - ITT Industries

  TP12MS9AVBE2 Datasheet HTML 1Page - ITT Industries TP12MS9AVBE2 Datasheet HTML 2Page - ITT Industries TP12MS9AVBE2 Datasheet HTML 3Page - ITT Industries TP12MS9AVBE2 Datasheet HTML 4Page - ITT Industries TP12MS9AVBE2 Datasheet HTML 5Page - ITT Industries TP12MS9AVBE2 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 6 page
background image
V3
TP21 Only
TP21SH9V3BE
PC MOUNTING
TERMINATIONS
CONTACT MATERIAL / APPLICATION RECOMMENDATIONS – SEE CHART, PAGE L-31.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACTS & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
B contact material standard with A, AV, V3 & W terminations.
Q contact material standard with C & Z terminations.
K, L & M contact materials not available with Z terminations.
All models
with all options when ordered with G, L, M or Q contact material.
CONTACT MATERIAL
E (STD.) EPOXY SEAL
SEAL
VERTICAL MOUNT, V-BRACKET
DPST
Tiny Pushbutton Switches
TP Series
B
B-16
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
B (STD.)
GOLD 1
GOLD 1
LOW LEVEL / DRY CIRCUIT
04VA MAX @20VACORDCMAX
K
GOLD 1
TIN-LEAD 6
LOW LEVEL / DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
Q (STD.)
SILVER 45
SILVER 5
POWER
1AMP@120VACOR28VDC
M
SILVER 4,5
TIN-LEAD 6
POWER
1 AMP @ 120 V AC OR 28 V DC.
G
GOLD OVER SILVER 23
GOLD 3
LOW LEVEL / DRY CIRCUIT OR POWER
0.4 VA MAX @ 20 V AC OR DC MAX. OR
L
GOLD OVER SILVER 2,3
TIN-LEAD 6
LOW LEVEL / DRY CIRCUIT OR POWER
0.4 VA MAX @ 20 V AC OR DC MAX. OR
1 AMP @ 120 V AC OR 28 V DC.
Rev. A 8/99


Similar Part No. - TP12MS9AVBE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
TP12MS9AVBE22 CK-COMPONENTS-TP12MS9AVBE22 Datasheet
429Kb / 6P
   Tiny Pushbutton Switches
More results

Similar Description - TP12MS9AVBE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP21SH8CQE CK-COMPONENTS-TP21SH8CQE Datasheet
429Kb / 6P
   Tiny Pushbutton Switches
TP CK-COMPONENTS-TP_V01 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
5 Aug 20
TP11SHABE22 CK-COMPONENTS-TP11SHABE22 Datasheet
518Kb / 6P
   Tiny Pushbutton Switches
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
   Sealed Tiny Pushbutton Switches
5 Aug 20
logo
ITT Industries
EP11SD1ABE ITT-EP11SD1ABE Datasheet
742Kb / 6P
   Sealed Tiny Pushbutton Switches
logo
C&K Components
465805000 CK-COMPONENTS-465805000 Datasheet
528Kb / 7P
   TP Series Tiny Pushbutton Switches
TP21SHZQE CK-COMPONENTS-TP21SHZQE Datasheet
518Kb / 6P
   TP Series Tiny Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com