Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABA-53563-TR1 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ABA-53563-TR1
Description  3.5 GHz Broadband Silicon RFIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ABA-53563-TR1 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ABA-53563-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ABA-53563-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ABA-53563 Typical Performance
Tc = +25°C, Zo = 50Ω, Vcc = 5V unless stated otherwise.
Figure 7. Output Power for 1 dB Gain
Compression vs. Frequency and Temperature.
Figure 6. Output Power for 1 dB Gain
Compression vs. Frequency and Voltage.
Figure 5. Noise Figure vs. Frequency and
Temperature.
Figure 4. Noise Figure vs. Frequency and
Voltage.
Figure 3. Gain vs. Frequency and Temperature.
Figure 2. Gain vs. Frequency and Voltage.
FREQUENCY (GHz)
0
24
22
20
18
16
14
4
1
0.5
2
2.5
3
1.5
3.5
4.5V
5V
5.5V
FREQUENCY (GHz)
0
24
22
20
18
16
14
4
1
0.5
2
2.5
3
1.5
3.5
-40
°C
+25
°C
+85
°C
FREQUENCY (GHz)
0
4.5
4
3.5
3
2.5
2
4
1
0.5
2
2.5
3
1.5
3.5
4.5V
5V
5.5V
FREQUENCY (GHz)
0
5
4
3
2
1
4
1
0.5
2
2.5
3
1.5
3.5
-40
°C
+25
°C
+85
°C
FREQUENCY (GHz)
0
18
14
10
6
2
4
1
0.5
2
2.5
3
1.5
3.5
4.5V
5V
5.5V
FREQUENCY (GHz)
0
20
16
12
8
4
0
4
1
0.5
2
2.5
3
1.5
3.5
-40
°C
+25
°C
+85
°C


Similar Part No. - ABA-53563-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ABA-53563-TR1 AVAGO-ABA-53563-TR1 Datasheet
98Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier 3.5 dB noise figure
logo
Broadcom Corporation.
ABA-53563-TR1 BOARDCOM-ABA-53563-TR1 Datasheet
98Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-53563-TR1G AVAGO-ABA-53563-TR1G Datasheet
98Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier 3.5 dB noise figure
logo
Broadcom Corporation.
ABA-53563-TR1G BOARDCOM-ABA-53563-TR1G Datasheet
98Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
More results

Similar Description - ABA-53563-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ABA-52563 HP-ABA-52563 Datasheet
96Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563 HP-ABA-51563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-31563 HP-ABA-31563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-51563 AVAGO-ABA-51563 Datasheet
366Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 AVAGO-ABA-52563 Datasheet
768Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-52563 BOARDCOM-ABA-52563 Datasheet
768Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-51563 BOARDCOM-ABA-51563 Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-31563 BOARDCOM-ABA-31563 Datasheet
305Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-31563 AVAGO-ABA-31563 Datasheet
305Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-53563 BOARDCOM-ABA-53563 Datasheet
98Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com