Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7453ART-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7453ART-REEL7
Description  Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7453ART-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  AD7453ART-REEL7 Datasheet HTML 1Page - Analog Devices AD7453ART-REEL7 Datasheet HTML 2Page - Analog Devices AD7453ART-REEL7 Datasheet HTML 3Page - Analog Devices AD7453ART-REEL7 Datasheet HTML 4Page - Analog Devices AD7453ART-REEL7 Datasheet HTML 5Page - Analog Devices AD7453ART-REEL7 Datasheet HTML 6Page - Analog Devices AD7453ART-REEL7 Datasheet HTML 7Page - Analog Devices AD7453ART-REEL7 Datasheet HTML 8Page - Analog Devices AD7453ART-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD7453
Pseudo Differential, 555 kSPS,
12-Bit ADC in an 8-Lead SOT-23
FEATURES
Specified for VDD of 2.7 V to 5.25 V
Low Power at Max Throughput Rate:
3.3 mW Max at 555 kSPS with VDD = 3 V
7.25 mW Max at 555 kSPS with VDD = 5 V
Pseudo Differential Analog Input
Wide Input Bandwidth:
70 dB SINAD at 100 kHz Input Frequency
Flexible Power/Serial Clock Speed Management
No Pipeline Delays
High Speed Serial Interface—SPI®/QSPI™/
MICROWIRE™/DSP Compatible
Power-Down Mode: 1
A Max
8-Lead SOT-23 Package
APPLICATIONS
Transducer Interface
Battery-Powered Systems
Data Acquisition Systems
Portable Instrumentation
Motor Control
Communications
FUNCTIONAL BLOCK DIAGRAM
VREF
T/H
CONTROL LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
SCLK
SDATA
CS
VDD
AD7453
VIN+
VIN–
GENERAL DESCRIPTION
The AD7453 is a 12-bit, high speed, low power, successive
approximation (SAR) analog-to-digital converter that features a
pseudo differential analog input. This part operates from a
single 2.7 V to 5.25 V power supply and features throughput
rates up to 555 kSPS.
The part contains a low noise, wide bandwidth, differential
track-and-hold amplifier (T/H) that can handle input frequen-
cies in excess of 1 MHz. The reference voltage for the AD7453
is applied externally to the VREF pin and can range from
100 mV to 3.5 V, depending on the power supply and what
suits the application.
The conversion process and data acquisition are controlled
using
CS and the serial clock, allowing the device to interface
with microprocessors or DSPs. The input signals are sampled
on the falling edge of
CS; the conversion is also initiated at
this point.
The SAR architecture of this part ensures that there are no
pipeline delays.
The AD7453 uses advanced design techniques to achieve very
low power dissipation.
PRODUCT HIGHLIGHTS
1. Operation with 2.7 V to 5.25 V Power Supplies.
2. High Throughput with Low Power Consumption.
With a 3 V supply, the AD7453 offers 3.3 mW max power
consumption for a 555 kSPS throughput rate.
3. Pseudo Differential Analog Input.
4. Flexible Power/Serial Clock Speed Management.
The conversion rate is determined by the serial clock, allow-
ing the power to be reduced as the conversion time is reduced
through the serial clock speed increase. This part also features
a shutdown mode to maximize power efficiency at lower
throughput rates.
5. Variable Voltage Reference Input.
6. No Pipeline Delay.
7. Accurate control of the sampling instant via a
CS input and
once-off conversion control.
8. ENOB > 10-bits Typically with 500 mV Reference.


Similar Part No. - AD7453ART-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7453ART-REEL7 AD-AD7453ART-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453ART-REEL7 AD-AD7453ART-REEL7 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
More results

Similar Description - AD7453ART-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7457 AD-AD7457_17 Datasheet
343Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457 AD-AD7457 Datasheet
509Kb / 20P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com