Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT573D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AHCT573D
Description  Octal D-type transparent latch; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT573D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AHCT573D Datasheet HTML 7Page - NXP Semiconductors 74AHCT573D Datasheet HTML 8Page - NXP Semiconductors 74AHCT573D Datasheet HTML 9Page - NXP Semiconductors 74AHCT573D Datasheet HTML 10Page - NXP Semiconductors 74AHCT573D Datasheet HTML 11Page - NXP Semiconductors 74AHCT573D Datasheet HTML 12Page - NXP Semiconductors 74AHCT573D Datasheet HTML 13Page - NXP Semiconductors 74AHCT573D Datasheet HTML 14Page - NXP Semiconductors 74AHCT573D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1999 Sep 27
11
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC573; 74AHCT573
74AHCT573
GND = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85 −40 to +125
MIN.
TYP.
MAX. MIN. MAX.
MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
Dn to Qn
see Figs 6 and 9
15 pF
3.5
5.5
1
6.5
1
7.0
ns
propagation delay
LE to Qn
see Figs 7 and 9
3.9
6.0
1
7.0
1
7.5
ns
tPZH/tPZL
propagation delay
OE to Qn
see Figs 8 and 9
4.1
6.5
1
7.5
1
8.5
ns
tPHZ/tPLZ
propagation delay
OE to Qn
4.5
6.5
1
7.5
1
8.5
ns
tPHL/tPLH
propagation delay
Dn to Qn
see Figs 6 and 9
50 pF
4.9
7.5
1
8.5
1
9.5
ns
propagation delay
LE to Qn
see Figs 7 and 9
5.5
8.5
1
9.5
1
11.0
ns
tPZH/tPZL
propagation delay
OE to Qn
see Figs 8 and 9
5.9
8.5
1
10.0
1
11.0
ns
tPHZ/tPLZ
propagation delay
OE to Qn
6.4
9.0
1
10.0
1
11.5
ns
tW
enable pulse width
HIGH
see Figs 7 and 9
5.0
−−
5.0
5.0
ns
tsu
set-up time
Dn to LE
see Fig.9
3.5
−−
3.5
3.5
ns
th
hold time
Dn to LE
1.5
−−
1.5
1.5
ns


Similar Part No. - 74AHCT573D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT573D PHILIPS-74AHCT573D Datasheet
138Kb / 23P
   Octal D-type transparent latch; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74AHCT573D NEXPERIA-74AHCT573D Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
74AHCT573D-Q100 NEXPERIA-74AHCT573D-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
74AHCT573D-Q100 NEXPERIA-74AHCT573D-Q100 Datasheet
280Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 13 July 2020
More results

Similar Description - 74AHCT573D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com