Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-4420 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSDL-4420
Description  High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-4420 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSDL-4420 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-4420 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-4420 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-4420 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-4420 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-4420 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-4420 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-4420 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-4420 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
High-Performance IR Emitter
and IR PIN Photodiode in
Subminiature SMT Package
Technical Data
Features
• Subminiature Flat Top and
Dome Package
Size – 2x2 mm
• IR Emitter
875 nm TS AlGaAs
Intensity – 17 mW/sr
Speed – 40 ns
• Wide Range of Drive
Currents
500
µA to 500 mA
• IR Detector
PIN Photodiode
High Sensitivity
Speed – 7.5 ns
• Flexible Lead
Configurations
Surface Mount or
Through Hole
Applications
• Short Distance IR Links
• IrDA Compatible
• Small Handheld Devices
Pagers
Industrial Handhelds
• Diffuse LANs
• Wireless Audio
Description
Flat Top Package
The HSDL-4400 Series of flat top
IR emitters use an untinted,
nondiffused, truncated lens to
provide a wide radiation pattern
that is useful for short distance
communication where alignment
of the emitter and detector is not
critical. The HSDL-5400 Series of
flat top IR detectors uses the
same truncated lens design as the
HSDL- 4400 Series of IR emitters
with the added feature of a black
tint that acts as an optical filter to
reduce the effects of ambient
light, such as sun, incandescent
and fluorescent light from
interfering with the IR signal.
Dome Package
The HSDL-4420 Series of dome
IR emitters uses an untinted,
nondiffused lens to provide a 24
degree viewing angle with high
on-axis intensity. The HSDL-5420
Series of IR detectors uses the
same lens design as the HSDL-
4420 IR emitter and optical filter
used in the HSDL-5400 IR
detector.
Lead Configuration
All of these devices are made by
encapsulating LED and PIN
photodiode chips on axial lead
frames to form molded epoxy
subminiature packages. A variety
of lead configurations is available
and includes: surface mount gull
wing, yoke lead, or Z-bend and
through hole lead bends at 2.54
mm (0.100 inch) center spacing.
Technology
The subminiature solid state
emitters utilize a highly optimized
LED material, transparent sub-
strate aluminum gallium arsenide,
TS AlGaAs. This material has a
very high radiant efficiency,
capable of producing high light
output over a wide range of drive
currents and temperature.
HSDL-44xx IR Emitter
Series
HSDL-54xx IR Detector
Series


Similar Part No. - HSDL-4420

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-4420 LITEON-HSDL-4420 Datasheet
520Kb / 19P
   High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
HSDL-4420-011 LITEON-HSDL-4420-011 Datasheet
520Kb / 19P
   High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
More results

Similar Description - HSDL-4420

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-4420-011 LITEON-HSDL-4420-011 Datasheet
520Kb / 19P
   High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
logo
Siemens Semiconductor G...
SFH420 SIEMENS-SFH420 Datasheet
48Kb / 5P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
SFH421 SIEMENS-SFH421 Datasheet
53Kb / 5P
   GaAlAs-IR-Lumineszenzdiode in SMT-Gehause GaAlAs Infrared Emitter in SMT Package
logo
OSRAM GmbH
SFH4211 OSRAM-SFH4211 Datasheet
62Kb / 7P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
logo
Lite-On Technology Corp...
LRE-S9711-J LITEON-LRE-S9711-J Datasheet
480Kb / 8P
   IR Emitter and Detector
LTE-C216-P-W LITEON-LTE-C216-P-W Datasheet
614Kb / 8P
   IR Emitter and Detector
LTE-S9511T-E LITEON-LTE-S9511T-E Datasheet
519Kb / 7P
   IR Emitter and Detector
LTE-C9511-E LITEON-LTE-C9511-E Datasheet
517Kb / 7P
   IR Emitter and Detector
LTE-R38381-STR LITEON-LTE-R38381-STR Datasheet
573Kb / 8P
   IR Emitter and Detector
LTE-R38386L-S LITEON-LTE-R38386L-S Datasheet
576Kb / 8P
   IR Emitter and Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com