Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT74D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AHCT74D
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT74D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AHCT74D Datasheet HTML 6Page - NXP Semiconductors 74AHCT74D Datasheet HTML 7Page - NXP Semiconductors 74AHCT74D Datasheet HTML 8Page - NXP Semiconductors 74AHCT74D Datasheet HTML 9Page - NXP Semiconductors 74AHCT74D Datasheet HTML 10Page - NXP Semiconductors 74AHCT74D Datasheet HTML 11Page - NXP Semiconductors 74AHCT74D Datasheet HTML 12Page - NXP Semiconductors 74AHCT74D Datasheet HTML 13Page - NXP Semiconductors 74AHCT74D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1999 Sep 23
10
Philips Semiconductors
Product specification
Dual D-type flip-flop with set and reset;
positive-edge trigger
74AHC74; 74AHCT74
Type 74AHCT74
GND = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX. MIN. MAX.
MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
nCP to nQ, nQ
see Figs 6 and 8
15 pF
3.3
7.8
1.0
9.0
1.0
10.0
ns
propagation delay
nSD nRD to nQ, nQ
see Figs 7 and 8
3.7
10.4
1.0
12.0
1.0
13.0
ns
fmax
maximum clock
pulse frequency
100
160
80
80
ns
tPHL/tPLH
propagation delay
nCP to nQ, nQ
see Figs 6 and 8
50 pF
4.8
8.8
1.0
10.0
1.0
11.0
ns
propagation delay
nSD nRD to nQ, nQ
see Figs 7 and 8
5.3
11.4
1.0
13.0
1.0
14.5
ns
tW
clock pulse width
HIGH or LOW
see Figs 6 and 8
5.0
−−
5.0
5.0
ns
tW(st)(rst)
set or reset pulse
width LOW
see Figs 7 and 8
5.0
−−
5.0
5.0
ns
trem
removal time set or
reset
3.5
−−
3.5
3.5
ns
tsu
set-up time
nD to nCP
see Figs 6 and 8
5.0
−−
5.0
5.0
ns
th
hold time
nD to nCP
0
−−
0
0
ns
fmax
maximum clock
pulse frequency
80
140
65
65
ns


Similar Part No. - 74AHCT74D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT74D NXP-74AHCT74D Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
logo
Nexperia B.V. All right...
74AHCT74D NEXPERIA-74AHCT74D Datasheet
256Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 8 - 22 April 2020
74AHCT74D-Q100 NEXPERIA-74AHCT74D-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
More results

Similar Description - 74AHCT74D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com