Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS138N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALS138N
Description  1-of-8 decoder/demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS138N Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALS138N Datasheet HTML 1Page - NXP Semiconductors 74ALS138N Datasheet HTML 2Page - NXP Semiconductors 74ALS138N Datasheet HTML 3Page - NXP Semiconductors 74ALS138N Datasheet HTML 4Page - NXP Semiconductors 74ALS138N Datasheet HTML 5Page - NXP Semiconductors 74ALS138N Datasheet HTML 6Page - NXP Semiconductors 74ALS138N Datasheet HTML 7Page - NXP Semiconductors 74ALS138N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
74ALS138
1-of-8 decoder/demultiplexer
1996 Jul 03
5
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tPLH
tPHL
Propagation delay
An to Qn
Waveform 1, 2
3.0
3.0
22.0
18.0
ns
tPLH
tPHL
Propagation delay
E1, E2 to Qn
Waveform 2
3.0
3.0
17.0
17.0
ns
tPLH
tPHL
Propagation delay
E2 to Qn
Waveform 1
3.0
3.0
17.0
17.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.3V.
VM
VM
VM
VM
Qn
An, E2
tPHL
tPLH
SF00179
Waveform 1.
Propagation Delay for Inverting Outputs
VM
VM
VM
VM
Qn
An, E0, E1
tPHL
tPLH
SF00180
Waveform 2.
Propagation Delay for Non-inverting Outputs
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0.3V
0.3V
tTHL (tff)
INPUT PULSE REQUIREMENTS
Rep.Rate
tw
tTLH
tTHL
1MHz
500ns
2.0ns
2.0ns
Input Pulse Definition
VCC
Family
74ALS
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
Amplitude
3.5V
1.3V
VM
SC00005


Similar Part No. - 74ALS138N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALS133 FAIRCHILD-74ALS133 Datasheet
43Kb / 4P
   13-Input NAND Gate
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
74ALS139D PHILIPS-74ALS139D Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
74ALS139N PHILIPS-74ALS139N Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
More results

Similar Description - 74ALS138N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
   1-of-8 Decoder/Demultiplexer
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
   1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
   1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
   1-OF-8 DECODER/ DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com