Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TORX186 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TORX186
Description  FIBER OPTIC RECEIVING MODULE FOR SIMPLEX DIGITAL SIGNAL TRANSMISSION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TORX186 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TORX186 Datasheet HTML 1Page - Toshiba Semiconductor TORX186 Datasheet HTML 2Page - Toshiba Semiconductor TORX186 Datasheet HTML 3Page - Toshiba Semiconductor TORX186 Datasheet HTML 4Page - Toshiba Semiconductor TORX186 Datasheet HTML 5Page - Toshiba Semiconductor TORX186 Datasheet HTML 6Page - Toshiba Semiconductor TORX186 Datasheet HTML 7Page - Toshiba Semiconductor TORX186 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TORX186
2001-08-16
6
7. Precaution on Use
(1)
Maximum rating
The maximum ratings are the limit values which must not be exceeded during operation of device.
None of these rating value must not be exceeded. If the maximum rating value is exceeded, the
characteristics of devices may never be restored properly. In extreme cases, the device may be
permanently damages.
(2)
Soldering
Optical modules are comprised of internal semiconductor devices. However, in principle, optical
modules are optical components. During soldering, ensure that flux does not contact with the emitting
surface or the detecting surface. Also ensure that proper flux removal is conducted after soldering.
Some optical modules come with a protective cap. The protective cap is used to avoid malfunction
when the optical module is not in use. Note that it is not dust or waterproof.
As mentioned before, optical modules are optical components. Thus, in principle, soldering where
there may be flux residue and flux removal after soldering is not recommended. Toshiba recommend
that soldering be performed without the optical module mounted on the board. Then, after the board
has been cleaned, the optical module should be soldered on to the board manually.
If the optical module cannot be soldered manually, use non−halogen (chlorine−free) flux and make
sure, without cleaning, there is no residue such as chlorine. This is one of the ways to eliminate the
effects of flux. In such a cases, be sure to check the devices’ reliability.
(3)
Noise resistance
It is believed that the use of optical transfer devices improve noise resistance. In theory, optical fiber
is not affected by noise at all. However, receiving modules which handle signals whose level is
extremely small, are susceptible to noise.
TOSLINK improve noise resistance to use a conductive case. However, the current signal output by
the optical receiving modules' photodiode is extremely small. Thus, in some environments, shielding
the case may not achieve sufficient noise resistance.
First systems which incorporate TOSLINK, Toshiba recommend testing using the actual device to
check its noise resistance.
Use a simple noise filter on TOSLINK fiber optic transceiving module's power line. If the ripple in the
power supply used is significant, reinforce the filter.
The optical module is to be used in an area which is susceptible to radiated noise, increase the
shielding by covering the optical module and the power line filter with a metallic cover.
(4)
Vibration and shock
This module is ceramic packaged which internal device is hollow so that the wire is not fixed to the
device. This structure is not relatively sound against vibration and shock. Attention must be paid to
the design of the mechanism for applications which are subject to large amounts of vibration.
(5)
Fixing fiber optical receiving module
Solder the fixed pin (pins 5 and 6) of fiber optic receiving module TORX186 to the printed circuit
board to fix the module to the board.
(6)
Shielding and wiring pattern of fiber optic receiving modules
To shield, connect the fixed pins (pins 5 and 6) of fiber optic transceiving module TORX186 to the
GND.
Where the fiber optic receiving module uses conductive resin, be careful that the case does not touch
wiring (including land).
To improve noise resistance, shield the optical module and the power line filter using a metallic cover.
(7)
Solvent
When using solvent for flux removal, do not use a high acid or high alkali solvent. Be careful not to
pour solvent in to the optical connector ports. If solvent is inadvertently poured in to them, clean it off
using cotton tips.
(8)
Protective cap
When the TORX186 is not in use, attach the protective cap.
(9)
Supply voltage
Use the supply voltage within the recommended operating condition (VCC = 5 ± 0.25 V). Make sure
that supply voltage does not exceed the maximum rating value of 7 V, even for an instant.
(10) Output
If the receiver output is at low and is connected to the power supply, or if the output is high and is
connected to GND, the internal IC may be destroyed.


Similar Part No. - TORX186

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TORX180 TOSHIBA-TORX180 Datasheet
159Kb / 9P
   FIBER OPTIC RECEIVING MODULE FOR SIMPLEX DIGITAL SIGNAL TRANSMISSION
More results

Similar Description - TORX186

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TORX180 TOSHIBA-TORX180 Datasheet
159Kb / 9P
   FIBER OPTIC RECEIVING MODULE FOR SIMPLEX DIGITAL SIGNAL TRANSMISSION
TORX177 TOSHIBA-TORX177 Datasheet
259Kb / 5P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX176 TOSHIBA-TORX176 Datasheet
136Kb / 7P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT
TORX179 TOSHIBA-TORX179 Datasheet
113Kb / 5P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX177PL TOSHIBA-TORX177PL Datasheet
226Kb / 5P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX173F TOSHIBA-TORX173F Datasheet
137Kb / 7P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT
TORX147PL TOSHIBA-TORX147PL Datasheet
228Kb / 5P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX177L TOSHIBA-TORX177L Datasheet
332Kb / 6P
   FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO INTERFACE
TORX141P TOSHIBA-TORX141P Datasheet
149Kb / 5P
   FIBER OPTIC RECEIVING MODULE
TORX170 TOSHIBA-TORX170 Datasheet
167Kb / 9P
   FIBER OPTIC RECEIVING MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com