Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49 Datasheet(PDF) 3 Page - Ceramate Technical

Part # W49
Description  3-Phase Motor Driver for CD-ROMs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

W49 Datasheet(HTML) 3 Page - Ceramate Technical

  W49 Datasheet HTML 1Page - Ceramate Technical W49 Datasheet HTML 2Page - Ceramate Technical W49 Datasheet HTML 3Page - Ceramate Technical W49 Datasheet HTML 4Page - Ceramate Technical W49 Datasheet HTML 5Page - Ceramate Technical W49 Datasheet HTML 6Page - Ceramate Technical W49 Datasheet HTML 7Page - Ceramate Technical W49 Datasheet HTML 8Page - Ceramate Technical W49 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
WAFER WIN
W49
3-Phase Motor Driver for CD-ROMs
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 3 of 11
Rev 1.1 May.9, 2002
FPin descriptions
W49


Similar Part No. - W49

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
W49180 SEOUL-W49180 Datasheet
497Kb / 17P
   Super high flux output and high luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
logo
Winbond
W49F002 WINBOND-W49F002 Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-12B WINBOND-W49F002U-12B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W49

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6848FP ROHM-BA6848FP Datasheet
155Kb / 11P
   3-phase motor driver for CD-ROMs
BA6849FP ROHM-BA6849FP Datasheet
178Kb / 12P
   3-phase motor driver for CD-ROMs
logo
Unisonic Technologies
UA9849 UTC-UA9849 Datasheet
188Kb / 11P
   3-PHASE MOTOR DRIVER FOR CD-ROMS
UTCA9849 UTC-UTCA9849 Datasheet
148Kb / 11P
   3-phase motor driver for CD-ROMs
logo
Rohm
BD6660FV ROHM-BD6660FV Datasheet
144Kb / 12P
   3-phase motor driver for CD-ROMs
logo
Unisonic Technologies
UA9849 UTC-UA9849_15 Datasheet
199Kb / 12P
   3-PHASE MOTOR DRIVER FOR CD-ROMS
logo
Rohm
BA6858AFP ROHM-BA6858AFP Datasheet
209Kb / 15P
   Three-phase motor driver for CD-ROMs
BA6665FM ROHM-BA6665FM Datasheet
67Kb / 9P
   Motor driver for CD-ROMs
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
   3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com