Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA26 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CRA26
Description  Cascadable Amplifier 10 to 1500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CRA26 Datasheet(HTML) 1 Page - Tyco Electronics

  CRA26 Datasheet HTML 1Page - Tyco Electronics CRA26 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"
#$
%
&
' (
(
(
) *(
+ ( ,
%$ ! &
'()
*
*
*
+
+ ,!
- ! . !/
0
- !
!
.
/
0
1
1
1
2 3
4
!
0
5
,$
.
/
0
6
7$ #$
8
0
# . !/
0
46
0
9
46
0
9
+
! 7
(
!
4
6
0
9
+: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
-
(4
-( -=4
5* (2>> + =->+
0 . ?6 /
'>;4@' 7@ 6@ A> >A 9
0 . ?6 /
(4
-( (4
2;*72;>2 46 9
0
. ?6 /
(4
-( 2> >2+> 4+7A= 475 B
0 . ?6 /
!
" 2=
2
#
"&C
,!D " " $
" !
!$
$ !,#
!
! #
!
! " ,"
C &
"
, C#
!
C E
#
,!
# &
#
3 #
!
3
C
C !
%$ ! &
!,
=!
3 ;< C
!,!
E ! $
#
$ *
C
#
!
"
7* 0 #
E ,
"
&
D !
'4A*+ ;*
!3 !
!
! !,
3
C
"
3
3
C
! ! +'=
!!
)
" $ !,
C&D " "
! C #$ "
C&E
&
.
/
0 &
/ .
1
2 /
2=
7* 0
<2=
+'= < !!
)
1
3 4
5
/
1
3 4
+
,
#
$
*
F<
9
F<
<
#
$
F<
;<
,
9
< ! !$ $ 4!#$ 6
9
0
+"
4!#$ #
.
!$
/
:
6
E6
. G
/
:
H+I+
0$ !*4!
#
$
.
/
F<
#
!
!
5
/
"
2
!
JK
F< :
!
6
;
#
! 6
:
L$!
!
#
$
2
=C 3 <
K
F<
M73
#
$
#
!
#
!$ C
<2=
D,$
!
<
9
< ! &


Similar Part No. - CRA26

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRA2010 BOURNS-CRA2010 Datasheet
296Kb / 2P
   High Power Current Sense Chip Resistor
CRA2010 BOURNS-CRA2010 Datasheet
250Kb / 2P
   High Power Current Sense Chip Resistor Inductance less than 5 nH
CRA2010-FZ-R005ELF BOURNS-CRA2010-FZ-R005ELF Datasheet
275Kb / 2P
   CRA2010/CRA2512 - High Power Current Sense Chip Resistor
CRA2010-FZ-R010ELF BOURNS-CRA2010-FZ-R010ELF Datasheet
297Kb / 2P
   CRA2010/CRA2512 - High Power Current Sense Chip Resistor
CRA2010-FZ-R017ELF BOURNS-CRA2010-FZ-R017ELF Datasheet
297Kb / 2P
   CRA2010/CRA2512 - High Power Current Sense Chip Resistor
More results

Similar Description - CRA26

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SMA26 MA-COM-SMA26 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
Tyco Electronics
A26 MACOM-A26_1 Datasheet
367Kb / 2P
   Cascadable Amplifier 10 to 1500 MHz
A28 MACOM-A28 Datasheet
107Kb / 1P
   10 TO 1500 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A28 MA-COM-A28 Datasheet
636Kb / 3P
   Cascadable Amplifier 10 to 1500 MHz
logo
Tyco Electronics
A27 MACOM-A27 Datasheet
351Kb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA27 MA-COM-SMA27 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
SMA29-1 MA-COM-SMA29-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
Tyco Electronics
A29-1 MACOM-A29-1 Datasheet
112Kb / 1P
   10 TO 1500 MHz CASCADABLE AMPLIFIER
A28 MACOM-A28_1 Datasheet
359Kb / 2P
   Cascadable Amplifier 10 to 1500 MHz
A26 MACOM-A26 Datasheet
110Kb / 1P
   10 TO 1500 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com