Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP23 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP23
Description  2x2 LVPECL Crosspoint switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP23 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVCP23 Datasheet HTML 1Page - Texas Instruments SN65LVCP23 Datasheet HTML 2Page - Texas Instruments SN65LVCP23 Datasheet HTML 3Page - Texas Instruments SN65LVCP23 Datasheet HTML 4Page - Texas Instruments SN65LVCP23 Datasheet HTML 5Page - Texas Instruments SN65LVCP23 Datasheet HTML 6Page - Texas Instruments SN65LVCP23 Datasheet HTML 7Page - Texas Instruments SN65LVCP23 Datasheet HTML 8Page - Texas Instruments SN65LVCP23 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN65LVCP23
SLLS554C − NOVEMBER 2002 − REVISED SEPTEMBER 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE DESIGNATOR
PART NUMBER(1)
SYMBOLIZATION
SOIC
SN65LVCP23D
LVCP23
TSSOP
SN65LVCP23PW
LVCP23
(1) Add the suffix R for taped and reeled carrier
PACKAGE DISSIPATION RATINGS
PACKAGE
CIRCUIT
BOARD MODEL
TA ≤ 25°C
POWER RATING
DERATING FACTOR(1)
ABOVE TA = 25°C
TA = 85°C
POWER RATING
SOIC (D)
High-K(2)
1361 mW
13.9 mW/
°C
544 mW
TSSOP (PW)
High-K(2)
1074 mW
10.7 mW/
°C
430 mW
(1) This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
(2) In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
THERMAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUE
UNITS
θJB
Junction-to-board thermal resistance
D
15.7
°C/W
θJB
Junction-to-board thermal resistance
PW
22.1
°C/W
θJC
Junction-to-case thermal resistance
D
26.1
°C/W
θJC
Junction-to-case thermal resistance
PW
17.3
°C/W
PD
Device power dissipation
Typical
VCC = 3.3−V, TA = 25°C, 2 Gbps
165
mW
PD
Device power dissipation
Maximum
VCC = 3.6−V, TA = 85°C, 2 Gbps
234
mW
FUNCTION TABLE
SEL0
SEL1
OUT0
OUT1
FUNCTION
0
0
IN0
IN0
1:2 Splitter
0
1
IN0
IN1
Repeater
1
0
IN1
IN0
Switch
1
1
IN1
IN1
1:2 Splitter
FUNCTIONAL BLOCK DIAGRAM
01
01
OUT 0
OUT 1
EN 0
EN 1
SEL 1
SEL 0
IN 0
IN 1


Similar Part No. - SN65LVCP23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI1-SN65LVCP23 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23D TI-SN65LVCP23D Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23DG4 TI-SN65LVCP23DG4 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23DR TI-SN65LVCP23DR Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com