Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC2G34DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC2G34DBVR
Description  Optimized for 1.8-V Operation and Is 3.6-V I/O Tolerant to Support Mixed-Mode Signal Operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G34DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUC2G34DBVR Datasheet HTML 1Page - Texas Instruments SN74AUC2G34DBVR Datasheet HTML 2Page - Texas Instruments SN74AUC2G34DBVR Datasheet HTML 3Page - Texas Instruments SN74AUC2G34DBVR Datasheet HTML 4Page - Texas Instruments SN74AUC2G34DBVR Datasheet HTML 5Page - Texas Instruments SN74AUC2G34DBVR Datasheet HTML 6Page - Texas Instruments SN74AUC2G34DBVR Datasheet HTML 7Page - Texas Instruments SN74AUC2G34DBVR Datasheet HTML 8Page - Texas Instruments SN74AUC2G34DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
1Y
V
CC
2Y
2A
GND
1A
DBV PACKAGE
(TOP VIEW)
1
2
3
4
5
6
1Y
V
CC
2Y
2A
GND
1A
DCK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
1Y
V
CC
2Y
2A
GND
1A
DRL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
1Y
V
CC
2Y
2A
GND
1A
YEP PACKAGE
(BOTTOM VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74AUC2G34
DUAL BUFFER GATE
SCES514A – NOVEMBER 2003 – REVISED MARCH 2006
Available in the Texas Instruments
±8-mA Output Drive at 1.8 V
NanoStar™ and NanoFree™ Packages
Latch-Up Performance Exceeds 100 mA Per
Optimized for 1.8-V Operation and Is 3.6-V I/O
JESD 78, Class II
Tolerant to Support Mixed-Mode Signal
ESD Protection Exceeds JESD 22
Operation
– 2000-V Human-Body Model (A114-A)
I
off Supports Partial-Power-Down Mode
– 200-V Machine Model (A115-A)
Operation
– 1000-V Charged-Device Model (C101)
Sub-1-V Operable
Max t
pd of 1.6 ns at 1.8 V
Low Power Consumption, 10
µA at 1.8 V
This dual buffer gate is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V to 1.95-V VCC
operation.
The SN74AUC2G34 performs the Boolean function Y = A in positive logic.
NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74AUC2G34YEPR
0.23-mm Large Bump – YEP
Tape and reel
_ _ _U9_
NanoFree™ – WCSP (DSBGA)
SN74AUC2G34YZPR
0.23-mm Large Bump – YZP (Pb-free)
–40°C to 85°C
SOT-563 – DRL
Tape and reel
SN74AUC2G34DRLR
U9_
SOT-23 – DBV
Tape and reel
SN74AUC2G34DBVR
U34_
SC-70 – DCK
Tape and reel
SN74AUC2G34DCKR
U9_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUC2G34DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G34DBVR TI-SN74AUC2G34DBVR Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74AUC2G34DBVRE4 TI-SN74AUC2G34DBVRE4 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74AUC2G34DBVRG4 TI-SN74AUC2G34DBVRG4 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
More results

Similar Description - SN74AUC2G34DBVR

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66108 SKYWORKS-SKY66108_11 Datasheet
1Mb / 13P
   2.0 V to 3.6 V supply operation
logo
Vishay Siliconix
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
logo
Texas Instruments
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
logo
Dialog Semiconductor
AT25FF161A DIALOG-AT25FF161A Datasheet
1Mb / 120P
   16-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
logo
Renesas Technology Corp
AT25FF321A RENESAS-AT25FF321A Datasheet
2Mb / 111P
   32-Mbit, 1.65 V - 3.6 V SPI Serial Flash Memory with Multi-I/O Support
2022-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com