Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210-068M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1210-068M
Description  Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1210-068M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1210-068M Datasheet HTML 1Page - List of Unclassifed Manufacturers 1210-068M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2/ 2002
PAGE
18
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 1210
Surface Mount Inductors
1562
1562
1562
1562
1562
1562
1562
1562
1562
966
931
871
821
779
743
711
670
636
606
580
551
1018
971
910
860
805
759
720
679
644
614
588
556
515
497
467
454
431
411
393
378
352
341
321
305
297
272
257
237
224
193
182
170
163
152
144
136
120
0.050
0.050
0.050
0.050
0.050
0.050
0.050
0.050
0.050
0.13
0.14
0.16
0.18
0.20
0.22
0.24
0.27
0.30
0.33
0.36
0.40
0.20
0.22
0.25
0.28
0.32
0.36
0.40
0.45
0.50
0.55
0.60
0.67
0.70
0.75
0.85
0.90
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.1
2.5
2.8
3.3
3.7
5.0
5.6
6.4
7.0
8.0
9.0
10.0
13.0
2700*
2700*
2700*
2700*
2700*
2700*
2700*
2700*
2700*
2000*
1850*
1700*
1550*
1300*
1150*
1000*
900*
800*
750*
700*
625*
550
500
450
400
350
320
300
250
220
180
160
140
120
100
85
75
70
65
58
50
45
42
40
35
30
28
25
23
20
18
15
14
13
11
10
9
8
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
40
40
40
40
40
40
40
40
40
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
Physical Parameters
Inches
Millimeters
A
0.118 to 0.138
3.00 to 3.51
B
0.085 to 0.105
2.16 to 2.67
C
0.081 to 0.101
2.06 to 2.57
D
0.016 (Min.)
0.41 (Min.)
E
0.041 to 0.061
1.04 to 1.55
F
0.070 (Ref. only)
1.78 (Ref. only)
G
0.054 (Ref. only)
1.37 (Ref. only)
Dimensions “A” and “C” are over terminals
Weight Max. (Grams) 0.1
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C Ambient
Phenolic: 0.168 W
Iron: 0.287 W
Ferrite: 0.287 W
* Note Self Resonant Frequency (SRF) values are
calculated and for reference only.
Packaging Tape & reel (8mm): 7" reel, 2000 pieces
max.; 13" reel, 7000 pieces max.
Made In the U.S.A. Patent Protected
SERIES 1210 PHENOLIC CORE
1210-018M
1210-022M
1210-027M
1210-033M
1210-039M
1210-047M
1210-056M
1210-068M
1210-082M
1210-100K
1210-120K
1210-150K
1210-180K
1210-220K
1210-270K
1210-330K
1210-390K
1210-470K
1210-560K
1210-680K
1210-820K
SERIES 1210 IRON CORE
1210-101K
1210-121K
1210-151K
1210-181K
1210-221K
1210-271K
1210-331K
1210-391K
1210-471K
1210-561K
1210-681K
1210-821K
SERIES 1210 FERRITE CORE
1210 102J
1210-122J
1210-152J
1210-182J
1210 222J
1210-272J
1210-332J
1210-392J
1210-472J
1210-562J
1210-682J
1210-822J
1210-103J
1210-123J
1210-153J
1210-183J
1210-223J
1210-273J
1210-333J
1210-393J
1210-473J
1210-563J
1210 683J
1210-823J
1210-104J
Optional Tolerances:
J = 5%
H = 3%
G = 2%
F = 1%


Similar Part No. - 1210-068M

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
1210-1-G HELLERMANNTYTON-1210-1-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
TE Connectivity Ltd
1210-1PSI TEC-1210-1PSI Datasheet
207Kb / 7P
   PC Board Mountable Pressure Sensor
logo
Bourns Electronic Solut...
1210-1S-120 BOURNS-1210-1S-120 Datasheet
439Kb / 3P
   1210 Series Heavy Duty AC Surge Protective Device
1210-1S-230 BOURNS-1210-1S-230 Datasheet
439Kb / 3P
   1210 Series Heavy Duty AC Surge Protective Device
1210-1S-400 BOURNS-1210-1S-400 Datasheet
439Kb / 3P
   1210 Series Heavy Duty AC Surge Protective Device
More results

Similar Description - 1210-068M

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-15100 RHOMBUS-IND-L-15100 Datasheet
36Kb / 1P
   Surface Mount Inductors
logo
API Delevan
M0820-00K API-M0820-00K Datasheet
42Kb / 1P
   Surface Mount Inductors
logo
TOKO, Inc
888FU-101M TOKO-888FU-101M Datasheet
29Kb / 1P
   Surface mount inductors
logo
XFMRS Inc.
XF0256S7 XFMRS-XF0256S7 Datasheet
55Kb / 1P
   SURFACE MOUNT INDUCTORS
XF0036S5 XFMRS-XF0036S5 Datasheet
54Kb / 1P
   SURFACE MOUNT INDUCTORS
XF677240 XFMRS-XF677240 Datasheet
76Kb / 2P
   SURFACE MOUNT INDUCTORS
XF0026S8 XFMRS-XF0026S8_15 Datasheet
39Kb / 1P
   SURFACE MOUNT INDUCTORS
XF0076S3 XFMRS-XF0076S3 Datasheet
34Kb / 2P
   SURFACE MOUNT INDUCTORS
logo
API Delevan
M1330-94K API-M1330-94K Datasheet
46Kb / 1P
   Surface Mount Inductors
logo
XFMRS Inc.
3008 XFMRS-3008 Datasheet
34Kb / 2P
   SURFACE MOUNT INDUCTORS
XF0176S11 XFMRS-XF0176S11 Datasheet
60Kb / 1P
   SURFACE MOUNT INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com