Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2848ACP-32 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2848ACP-32
Description  3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2848ACP-32 Datasheet(HTML) 1 Page - Analog Devices

  ADN2848ACP-32 Datasheet HTML 1Page - Analog Devices ADN2848ACP-32 Datasheet HTML 2Page - Analog Devices ADN2848ACP-32 Datasheet HTML 3Page - Analog Devices ADN2848ACP-32 Datasheet HTML 4Page - Analog Devices ADN2848ACP-32 Datasheet HTML 5Page - Analog Devices ADN2848ACP-32 Datasheet HTML 6Page - Analog Devices ADN2848ACP-32 Datasheet HTML 7Page - Analog Devices ADN2848ACP-32 Datasheet HTML 8Page - Analog Devices ADN2848ACP-32 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
a
ADN2848
3 V Dual-Loop 50 Mbps to 1.25 Gbps
Laser Diode Driver
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
FUNCTIONAL BLOCK DIAGRAM
CONTROL
DATAP
DATAN
CLKP
CLKN
IMODP
LD
VCC
GND
ASET
IMOD
IBIAS
GND
GND
GND
GND
PAVCAP
ERCAP
ERSET
PSET
VCC
MPD
VCC
ADN2848
IBIAS
LBWSET
IMODN
IMPD
GENERAL DESCRIPTION
The ADN2848 uses a unique control algorithm to control both
the average power and extinction ratio of the laser diode, LD,
after initial factory setup. External component count and PCB
area are low as both power and extinction ratio control are
fully integrated. Programmable alarms are provided for laser fail
(end of life) and laser degrade (impending fail).
FEATURES
50 Mbps to 1.25 Gbps Operation
Single 3.3 V Operation
Bias Current Range 2 mA to 100 mA
Modulation Current Range 5 mA to 80 mA
Monitor Photo Diode Current 50
A to 1200
A
50 mA Supply Current at 3.3 V
Closed-Loop Control of Power and Extinction Ratio
Full Current Parameter Monitoring
Laser Fail and Laser Degrade Alarms
Automatic Laser Shutdown, ALS
Optional Clocked Data
Supports FEC Rates
32-Lead (5 mm
× 5 mm) LFCSP Package
APPLICATIONS
SONET OC-1/3/12
SDH STM-0/1/4
Fibre Channel
Gigabit Ethernet


Similar Part No. - ADN2848ACP-32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
More results

Similar Description - ADN2848ACP-32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com