Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL210AE Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL210AE
Description  Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL210AE Datasheet(HTML) 5 Page - Analog Devices

  ADXL210AE Datasheet HTML 1Page - Analog Devices ADXL210AE Datasheet HTML 2Page - Analog Devices ADXL210AE Datasheet HTML 3Page - Analog Devices ADXL210AE Datasheet HTML 4Page - Analog Devices ADXL210AE Datasheet HTML 5Page - Analog Devices ADXL210AE Datasheet HTML 6Page - Analog Devices ADXL210AE Datasheet HTML 7Page - Analog Devices ADXL210AE Datasheet HTML 8Page - Analog Devices ADXL210AE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
ADXL210E
–5–
VDD = 3 V
mV/g
35
15
0
52.5
60.0
54.2
55.0
55.8
56.7
57.5
58.3
59.2
30
25
10
5
20
53.3
TPC 7. Y-Axis Sensitivity Distribution at YFILT, VDD = 3 V
PERCENT DUTY CYCLE PER g
70
30
0
3.5
4.1
3.6
3.7
3.8
3.9
4.0
60
50
20
10
40
TPC 8. X-Axis Sensitivity Distribution at XOUT, VDD = 3 V
PERCENT DUTY CYCLE PER g
70
30
0
3.4
4.1
3.6
3.7
3.8
3.9
4.0
60
50
20
10
40
3.5
TPC 9. Y-Axis Sensitivity Distribution at YOUT, VDD = 3 V
VDD = 3 V
mV/g
70
30
0
95.0
103.0
105.0
108.0
110.0
113.0
60
50
20
10
40
100.0
97.5
TPC 10. Y-Axis Sensitivity Distribution at YFILT, VDD = 5 V
PERCENT DUTY CYCLE PER g
70
30
0
3.9
4.2
4.3
4.4
60
50
20
10
40
4.1
4.0
TPC 11. X-Axis Sensitivity Distribution at XOUT, VDD = 5 V
PERCENT DUTY CYCLE PER g
70
30
0
3.8
4.1
4.2
4.4
60
50
20
10
40
4.0
3.9
4.3
TPC 12. Y-Axis Sensitivity Distribution at YOUT, VDD = 5 V


Similar Part No. - ADXL210AE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL210AQC AD-ADXL210AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
More results

Similar Description - ADXL210AE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
logo
List of Unclassifed Man...
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
   Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com