Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S82J-15005A Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # S82J-15005A
Description  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82J-15005A Datasheet(HTML) 5 Page - Omron Electronics LLC

  S82J-15005A Datasheet HTML 1Page - Omron Electronics LLC S82J-15005A Datasheet HTML 2Page - Omron Electronics LLC S82J-15005A Datasheet HTML 3Page - Omron Electronics LLC S82J-15005A Datasheet HTML 4Page - Omron Electronics LLC S82J-15005A Datasheet HTML 5Page - Omron Electronics LLC S82J-15005A Datasheet HTML 6Page - Omron Electronics LLC S82J-15005A Datasheet HTML 7Page - Omron Electronics LLC S82J-15005A Datasheet HTML 8Page - Omron Electronics LLC S82J-15005A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Switching Power Supply
S82J
L-83
Specifications
I Ratings/Characteristics
Item
100 to 240 VAC input
100 or 200 VAC
(selected automatically)
100 or 200 VAC
(selectable)
10 W
25 W
50 W
100 W (24 V)
100 W
(5, 12, 15 V)
150 W
300 W
600 W
Efficiency (typical)
67% min. (77% min. for 50-W, 24-
V models)
83% min.
75% min.
82% min.
Input
Voltage
100 to 240 VAC (85 to 264 VAC)
110 to 170 VDC (set the terminal (L) to + side)
(10 and 25 W only) (See note 1.)
100 (85 to 132) or 200
(170 to 264) VAC
(selected automatically)
100 (85 to 132) or 200
(170 to 253) VAC
(selectable)
Frequency
50/60 Hz (47 to 450 Hz)
Current
(See note
2.)
100 VAC
input
0.35 A
max.
0.8 A max. 1.4 A max. 2.5 A max.
2.5 A max.
3.5 A max. 8 A max.
14 A max.
200 VAC
input
0.3 A max. 0.6 A max. 0.8 A max. 1.5 A max.
1.4 A max.
2.1 A max. 4 A max.
7 A max.
Leakage
current
(See note
2.)
100 VAC
input
0.5 mA max.
200 VAC
input
1 mA max.
Inrush cur-
rent (25
°C,
cold start)
(See note
2.)
100 VAC
input
25 A max.
30 A max.
200 VAC
input
50 A max.
60 A max.
Noise filter
Yes
Output
(See note
3.)
Voltage adjustment
range
±10% (adjustable with variable resistor (V. ADJ))
Ripple (See note 2.)
2% (p-p) max.
Input variation
influence
0.4% max.
Load variation
influence
0.8% max. (with rated input, 10% to 100% load)
Temperature variation
influence
0.05%/
°C max. (with rated input and output)
Startup time
500 ms max. (up to 90% of output voltage at rated input and output)
300 ms max. (up to 90%
of output voltage at rated
input and output)
Hold time (See note 2.) 20 ms min.
Additional
function
Overload protection
105% to 160% of rated load current, inverted L
drop/intermittent operation type, automatic reset
105% min. of rated load current, inverted L drop
type, automatic reset (For the 600-W model, the cir-
cuit will be shut OFF when the overload exceeds 5
±3 s. Protection-ON alarm indicator lit (See note 4.))
Overvoltage
protection (See note 5.)
No
Yes
(See note 5.)
Yes (5-V out-
put models
only) (See
note 5.)
No
Yes, protection-ON alarm
indicator lit (See note 4.)
Overheat protection
No
Yes,
protection-
ON alarm
indicator lit
(See note 4.)
Protection-ON alarm
indicator
No
Yes (color, red)
Parallel operation
No
Yes, 5 units max.
Series operation
No
Yes


Similar Part No. - S82J-15005A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82J-15005A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57153S0479M000 EPCOS-B57153S0479M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57364S0109M000 EPCOS-B57364S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57464S0109M000 EPCOS-B57464S0109M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57235S0509M000 EPCOS-B57235S0509M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259M000 EPCOS-B57236S0259M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259L002 EPCOS-B57236S0259L002 Datasheet
64Kb / 3P
   Switch-mode power supplies
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57238S0259M000 EPCOS-B57238S0259M000_1 Datasheet
62Kb / 3P
   Switch-mode power supplies
logo
Mean Well Enterprises C...
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Transko Electronics, In...
TF-8072-ND TRANSKO-TF-8072-ND Datasheet
314Kb / 3P
   Low-loss, compact, and economical SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com