Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPPM0303D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPPM0303D
Description  250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0303D Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPPM0303D Datasheet HTML 2Page - Texas Instruments TPPM0303D Datasheet HTML 3Page - Texas Instruments TPPM0303D Datasheet HTML 4Page - Texas Instruments TPPM0303D Datasheet HTML 5Page - Texas Instruments TPPM0303D Datasheet HTML 6Page - Texas Instruments TPPM0303D Datasheet HTML 7Page - Texas Instruments TPPM0303D Datasheet HTML 8Page - Texas Instruments TPPM0303D Datasheet HTML 9Page - Texas Instruments TPPM0303D Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TPPM0303
250-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT
SLVS364 – FEBRUARY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Trig?
Sample
20-mA to 250-mA
Step Load
3.3VOUT (Offset = 3.3 V)
Figure 9. 5VCC Load Transient Response Rising
THERMAL INFORMATION
To ensure reliable operation of the device, the junction temperature of the output device must be within the safe
operating area (SOA). This is achieved by having a means to dissipate the heat generated from the junction
of the output structure. There are two components that contribute to thermal resistance. They consist of two
paths in series. The first is the junction to case thermal resistance, RθJC; the second is the case to ambient
thermal resistance, RθCA. The overall junction to ambient thermal resistance, RθJA, is determined by:
RθJA = RθJC + RθCA
The ability to efficiently dissipate the heat from the junction is a function of the package style and board layout
incorporated in the application. The operating junction temperature is determined by the operating ambient
temperature, TA, and the junction power dissipation, PJ.
The junction temperature, TJ, is equal to the following thermal equation:
TJ = TA + PJ (RθJC) + PJ (RθCA)
TJ = TA + PJ (RθJA)
This particular application uses the 8-pin SO package with standard lead frame with a dedicated ground
terminal. Hence, the maximum power dissipation allowable for an operating ambient temperature of 70
°C, and
a maximum junction temperature of 150
°C is determined as:
PJ = (TJ – TA)/RθJA
PJ = (150 – 70)/176 = 0.45 W when using a low-K PCB.
PJ = (150 – 70)/98 = 0.81 W when using a high-K PCB.
Worst case maximum power dissipation is determined by:
PD = (5.5 – 3) × 0.25 = 0.625 W
Normal operating maximum power dissipation is (see Figure 10):
PD = (5 – 3.3) × 0.25 = 0.425 W


Similar Part No. - TPPM0303D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0303DG4 TI-TPPM0303DG4 Datasheet
384Kb / 13P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303DR TI-TPPM0303DR Datasheet
384Kb / 13P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
More results

Similar Description - TPPM0303D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303_15 Datasheet
384Kb / 13P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0301 TI-TPPM0301 Datasheet
246Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0302DGN TI-TPPM0302DGN Datasheet
414Kb / 16P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
logo
Advanced Analog Technol...
AAT1201 AAT-AAT1201 Datasheet
363Kb / 21P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL-OUTPUT POWER MANAGEMENT
AAT1202 AAT-AAT1202 Datasheet
399Kb / 18P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL -OUTPUT POWER MANAGEMENT
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com