Electronic Components Datasheet Search |
|
BSC037N025S Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
BSC037N025S Datasheet(HTML) 3 Page - Infineon Technologies AG |
3 / 10 page BSC037N025S G Parameter Symbol Conditions Unit min. typ. max. Dynamic characteristics Input capacitance C iss - 2750 3660 pF Output capacitance C oss - 1050 1400 Reverse transfer capacitance Crss - 130 195 Turn-on delay time t d(on) - 6.9 10 ns Rise time t r -6 9 Turn-off delay time t d(off) -27 41 Fall time t f -5 8 Gate Charge Characteristics 4) Gate to source charge Q gs - 8 11 nC Gate charge at threshold Q g(th) -4 6 Gate to drain charge Q gd -6 9 Switching charge Q sw -10 14 Gate charge total Q g -22 29 Gate plateau voltage V plateau - 3.1 - V Gate charge total, sync. FET Q g(sync) V DS=0.1 V, V GS=0 to 5 V -19 26 nC Output charge Q oss V DD=15 V, V GS=0 V -23 30 Reverse Diode Diode continous forward current I S - - 50 A Diode pulse current I S,pulse - - 200 Diode forward voltage V SD V GS=0 V, I F=50 A, T j=25 °C - 0.85 1 V Reverse recovery charge Q rr V R=15 V, I F=I S, di F/dt =400 A/µs - - 12 nC 4) See figure 16 for gate charge parameter definition T C=25 °C Values V GS=0 V, V DS=15 V, f =1 MHz V DD=15 V, V GS=10 V, I D=25 A, R G=2.7 Ω V DD=15 V, I D=25 A, V GS=0 to 5 V Rev. 0.94 page 3 2006-05-10 |
Similar Part No. - BSC037N025S |
|
Similar Description - BSC037N025S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |