Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3207N Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS3207N
Description  Smart Lowside Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3207N Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS3207N Datasheet HTML 1Page - Infineon Technologies AG BTS3207N Datasheet HTML 2Page - Infineon Technologies AG BTS3207N Datasheet HTML 3Page - Infineon Technologies AG BTS3207N Datasheet HTML 4Page - Infineon Technologies AG BTS3207N Datasheet HTML 5Page - Infineon Technologies AG BTS3207N Datasheet HTML 6Page - Infineon Technologies AG BTS3207N Datasheet HTML 7Page - Infineon Technologies AG BTS3207N Datasheet HTML 8Page - Infineon Technologies AG BTS3207N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
V1.0, 2004-11-19
Page 3
BTS 3207N
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = 25°C, unless otherwise specified
min.
typ.
max.
Characteristics
Drain source clamp voltage
Tj = - 40 ...+ 150, ID = 10 mA
VDS(AZ)
42
-
55
V
Off-state drain current
Tj = -40...+85 °C, Vbb = 32 V, VIN = 0 V
Tj = 150 °C
IDSS
-
-
1.5
4
8
10
µA
Input threshold voltage
ID = 0.3 mA, Tj = 25 °C
ID = 0.3 mA, Tj = 150 °C
VIN(th)
1.3
0.8
1.7
-
2.2
-
V
On state input current
IIN(on)
-
10
30
µA
On-state resistance
VIN = 5 V, ID = 1.4 A, Tj = 25 °C
VIN = 5 V, ID = 1.4 A, Tj = 150 °C
RDS(on)
-
-
-
-
600
1200
m
W
On-state resistance
VIN = 10 V, ID = 1.4 A, Tj = 25 °C
VIN = 10 V, ID = 1.4 A, Tj = 150 °C
RDS(on)
-
-
-
500
1000
Nominal load current 5)
VDS = 0.5 V, Tj < 150°C, VIN = 10 V, TA = 85 °C
ID(Nom)
0.64
-
-
A
Current limit (active if VDS>2.5 V)1)
VIN = 10 V, VDS = 12 V, tm = 200 µs
ID(lim)
5
7.5
10
1Device switched on into existing short circuit (see diagram Determination of ID(lim)). If the device is in on condition
and a short circuit occurs, these values might be exceeded for max. 50 µs.
5not subject to production test, calculated by RthJA and Rds(on)
-
Target Data Sheet


Similar Part No. - BTS3207N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3207N INFINEON-BTS3207N Datasheet
279Kb / 11P
   Smart Low Side Power Switch
Rev. 1.2, 2008-04-14
BTS3207N INFINEON-BTS3207N_08 Datasheet
279Kb / 11P
   Smart Low Side Power Switch
Rev. 1.2, 2008-04-14
More results

Similar Description - BTS3207N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
OBTS917 SIEMENS-OBTS917 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com