Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS5235G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS5235G
Description  Smart High-Side Power Switch PROFET Two Channels, 60 m?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5235G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS5235G Datasheet HTML 6Page - Infineon Technologies AG BTS5235G Datasheet HTML 7Page - Infineon Technologies AG BTS5235G Datasheet HTML 8Page - Infineon Technologies AG BTS5235G Datasheet HTML 9Page - Infineon Technologies AG BTS5235G Datasheet HTML 10Page - Infineon Technologies AG BTS5235G Datasheet HTML 11Page - Infineon Technologies AG BTS5235G Datasheet HTML 12Page - Infineon Technologies AG BTS5235G Datasheet HTML 13Page - Infineon Technologies AG BTS5235G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Smart High-Side Power Switch
BTS 5235G
Block Description and Electrical Characteristics
Data Sheet
10
V1.0, 2005-12-19
4
Block Description and Electrical Characteristics
4.1
Power Stages
The power stages are built by N-channel vertical power MOSFETs (DMOS) with charge
pumps.
4.1.1
Output On-State Resistance
The on-state resistance
R
DS(ON) depends on the supply voltage as well as the junction
temperature
T
j. Figure 4 shows that dependencies for the typical on-state resistance.
The behavior in reverse polarity mode is described in Section 4.2.2.
Figure 4
Typical On-State Resistance
4.1.2
Input Circuit
Figure 5 shows the input circuit of the BTS 5235G. There is an integrated input resistor
that makes external components obsolete. The current sink to ground ensures that the
device switches off in case of open input pin. The zener diode protects the input circuit
against ESD pulses.
Figure 5
Input Circuit (IN1 and IN2)
30
40
50
60
70
80
90
-50 -25
0
25
50
75 100 125 150
T /
°C
40
60
80
100
120
140
160
0
5
10
15
20
25
Vbb /V
Vbb = 13.5 V
Tj = 25 °C
IN
RIN
IIN
GND
RGND
Input.emf


Similar Part No. - BTS5235G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5235-2G INFINEON-BTS5235-2G Datasheet
487Kb / 25P
   Smart High-Side Power Switch
Rev.1.1, Sep 2008
BTS5235-2L INFINEON-BTS5235-2L Datasheet
488Kb / 25P
   Smart High-Side Power Switch
Rev.1.1, Sep 2008
BTS5235L INFINEON-BTS5235L Datasheet
640Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
More results

Similar Description - BTS5235G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5235L INFINEON-BTS5235L Datasheet
640Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
BTS5231GS INFINEON-BTS5231GS Datasheet
669Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 140 m?
V1.0, Dec. 2005
BTS5434G INFINEON-BTS5434G Datasheet
427Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5234G INFINEON-BTS5234G Datasheet
411Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5236-2GS INFINEON-BTS5236-2GS Datasheet
750Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
V 1.1, July 2007
BTS5231-2GS INFINEON-BTS5231-2GS Datasheet
840Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 140 m 廓
V1.2, Sep 2008
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS5234L INFINEON-BTS5234L Datasheet
414Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5241L INFINEON-BTS5241L Datasheet
293Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 25 mΩ
V1.0, 2004-02-27
BTS50080-1EGA INFINEON-BTS50080-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com