Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP000094799 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SP000094799
Description  Smart High-Side Power Switch PROFET Two Channels, 60 m?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000094799 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SP000094799 Datasheet HTML 2Page - Infineon Technologies AG SP000094799 Datasheet HTML 3Page - Infineon Technologies AG SP000094799 Datasheet HTML 4Page - Infineon Technologies AG SP000094799 Datasheet HTML 5Page - Infineon Technologies AG SP000094799 Datasheet HTML 6Page - Infineon Technologies AG SP000094799 Datasheet HTML 7Page - Infineon Technologies AG SP000094799 Datasheet HTML 8Page - Infineon Technologies AG SP000094799 Datasheet HTML 9Page - Infineon Technologies AG SP000094799 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Smart High-Side Power Switch
BTS 5235G
Overview
Data Sheet
6
V1.0, 2005-12-19
1.2
Terms
Following figure shows all terms used in this data sheet.
Figure 2
Terms
In all tables of electrical characteristics is valid: Channel related symbols without channel
number are valid for each channel separately.
Terms2ch.emf
IIN1
VIN1
OUT1
IIN2
VIN2
V
IS1
IIS1
V
IS2
IIS2
Vbb
VSEN
I
SEN
I L1
VOUT2
V
OUT1
VDS2
VDS1
I L2
GND
IGND
Ibb
IN1
IN2
IS1
IS2
SEN
VBB
OUT2
BTS 5235G


Similar Part No. - SP000094799

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000094146 INFINEON-SP000094146 Datasheet
264Kb / 10P
   CoolMOS Power Transistor
Rev. 1.3 2005-12-22
SP000094800 INFINEON-SP000094800 Datasheet
640Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
More results

Similar Description - SP000094799

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5235L INFINEON-BTS5235L Datasheet
640Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
BTS5231GS INFINEON-BTS5231GS Datasheet
669Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 140 m?
V1.0, Dec. 2005
BTS5434G INFINEON-BTS5434G Datasheet
427Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5234G INFINEON-BTS5234G Datasheet
411Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5236-2GS INFINEON-BTS5236-2GS Datasheet
750Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
V 1.1, July 2007
BTS5231-2GS INFINEON-BTS5231-2GS Datasheet
840Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 140 m 廓
V1.2, Sep 2008
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS5234L INFINEON-BTS5234L Datasheet
414Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5241L INFINEON-BTS5241L Datasheet
293Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 25 mΩ
V1.0, 2004-02-27
BTS50080-1EGA INFINEON-BTS50080-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com