Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFR25 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SFR25
Description  Standard metal film resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SFR25 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SFR25 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2001 Jan 17
6
BCcomponents
Product specification
Standard metal film resistors
SFR16S/25/25H
5033E/5043E/5053H
Fig.2 Drift nomogram.
SFR25(H)
Pn =0.4 W (5043E)or 0.5 W(5053H).
MLB651
P
(%)
T
( C)
m
o
100
75
50
25
T
=
amb
40 C
o
70 C
o
100 C
o
125 C
o
155 C
o
3.0
2.0
1.0
0.7
0.5
0.3 %
∆ R / R for R 1 MΩ
∆ R / R for R 1 MΩ
10
00
0 h
10
00
h
100
kΩ
1 kΩ
1 MΩ
1 MΩ
2.0
1.5
1.0
0.7
0.5
0.3
0.2 %


Similar Part No. - SFR25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFR25 ETC-SFR25 Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25 VISHAY-SFR25 Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
logo
List of Unclassifed Man...
SFR25H ETC-SFR25H Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25H VISHAY-SFR25H Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
More results

Similar Description - SFR25

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
logo
List of Unclassifed Man...
SFR165 ETC-SFR165 Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com