Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7960 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS7960
Description  High Current PN Half Bridge NovalithIC 43 A, 7 m?? 9 m?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7960 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS7960 Datasheet HTML 1Page - Infineon Technologies AG BTS7960 Datasheet HTML 2Page - Infineon Technologies AG BTS7960 Datasheet HTML 3Page - Infineon Technologies AG BTS7960 Datasheet HTML 4Page - Infineon Technologies AG BTS7960 Datasheet HTML 5Page - Infineon Technologies AG BTS7960 Datasheet HTML 6Page - Infineon Technologies AG BTS7960 Datasheet HTML 7Page - Infineon Technologies AG BTS7960 Datasheet HTML 8Page - Infineon Technologies AG BTS7960 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
2
Rev. 1.1, 2004-12-07
Type
Ordering Code
Package
BTS 7960B
Q67060-S6160
P-TO-263-7
BTS 7960P
on request
P-TO-220-7
High Current PN Half Bridge
NovalithIC
BTS 7960B
BTS 7960P
Product Summary
The BTS 7960 is a fully integrated high current half
bridge for motor drive applications. It is part of the
NovalithICTM family containing one p-channel highside
MOSFET and one n-channel lowside MOSFET with an
integrated driver IC in one package. Due to the p-channel
highside switch the need for a charge pump is eliminated
thus minimizing EMI. Interfacing to a microcontroller is
made easy by the integrated driver IC which features
logic level inputs, diagnosis with current sense, slew rate
adjustment, dead time generation and protection against
overtemperature,
overvoltage,
undervoltage,
overcurrent and short circuit.
The BTS 7960 provides a cost optimized solution for
protected high current PWM motor drives with very low
board space consumption.
Basic Features
• Path resistance of typ. 16 m
Ω @25 °C
• Low quiescent current of typ. 7
µA @ 25 °C
• PWM capability of up to 25 kHz combined with active freewheeling
• Switched mode current limitation for reduced power dissipation in overcurrent
• Current limitation level of 43 A typ.
• Status flag diagnosis with current sense capability
• Overtemperature shut down with latch behaviour
• Overvoltage lock out
• Undervoltage shut down
• Driver circuit with logic level inputs
• Adjustable slew rates for optimized EMI
BTS 7960B
P-TO-263-7
BTS 7960P
P-TO-220-7
TM


Similar Part No. - BTS7960

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7904B INFINEON-BTS7904B Datasheet
212Kb / 13P
   OptiMOS -T PN Half Bridge
V1.0 2008-07-18
BTS7904S INFINEON-BTS7904S Datasheet
211Kb / 13P
   OptiMOS -T PN Half Bridge
V1.0 2008-07-08
BTS7930B INFINEON-BTS7930B Datasheet
815Kb / 28P
   High Current PN Half Bridge NovalithIC 30 A, 10 m?? 18 m??typ.
Rev. 2.0, June 2006
BTS7970B INFINEON-BTS7970B Datasheet
305Kb / 28P
   High Current PN Half Bridge NovalithIC 68 A, 7 m?? 9 m??typ.
Rev. 2.0, 2006-05-09
More results

Similar Description - BTS7960

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7970B INFINEON-BTS7970B Datasheet
305Kb / 28P
   High Current PN Half Bridge NovalithIC 68 A, 7 m?? 9 m??typ.
Rev. 2.0, 2006-05-09
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTS7930B INFINEON-BTS7930B Datasheet
815Kb / 28P
   High Current PN Half Bridge NovalithIC 30 A, 10 m?? 18 m??typ.
Rev. 2.0, June 2006
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com