Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C161JC-LF Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SAB-C161JC-LF
Description  16-Bit Single-Chip Microcontroller
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB-C161JC-LF Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SAB-C161JC-LF Datasheet HTML 6Page - Infineon Technologies AG SAB-C161JC-LF Datasheet HTML 7Page - Infineon Technologies AG SAB-C161JC-LF Datasheet HTML 8Page - Infineon Technologies AG SAB-C161JC-LF Datasheet HTML 9Page - Infineon Technologies AG SAB-C161JC-LF Datasheet HTML 10Page - Infineon Technologies AG SAB-C161JC-LF Datasheet HTML 11Page - Infineon Technologies AG SAB-C161JC-LF Datasheet HTML 12Page - Infineon Technologies AG SAB-C161JC-LF Datasheet HTML 13Page - Infineon Technologies AG SAB-C161JC-LF Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
C161CS/JC/JI-32R
C161CS/JC/JI-L
Data Sheet
6
V3.0, 2001-01
P7
P7.4
P7.5
P7.6
P7.7
13
14
15
16
IO
I/O
I
I
O
I/O
O
O
I
I/O
I
I
O
I/O
O
O
I
Port 7 is a 4-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 7 outputs can be configured as push/
pull or open drain drivers. The input threshold of Port 7 is
selectable (TTL or special). Port 7 pins provide inputs/
outputs for CAPCOM2 and serial interface lines.1)
CC28IO
CAPCOM2: CC28 Capture Inp./Compare Outp.,
CAN1_RxD CAN 1 Receive Data Input,
(C161CS/JC)
CAN2_RxD CAN 2 Receive Data Input,
(C161CS)
SDL_TxD
SDLM Transmit Data Output
(C161JC/JI)
CC29IO
CAPCOM2: CC29 Capture Inp./Compare Outp.,
CAN1_TxD CAN 1 Transmit Data Output,
(C161CS/JC)
CAN2_TxD CAN 2 Transmit Data Output,
(C161CS)
SDL_RxD SDLM Receive Data Input
(C161JC/JI)
CC30IO
CAPCOM2: CC30 Capture Inp./Compare Outp.,
CAN1_RxD CAN 1 Receive Data Input,
(C161CS/JC)
CAN2_RxD CAN 2 Receive Data Input,
(C161CS)
SDL_TxD
SDLM Transmit Data Output
(C161JC/JI)
CC31IO
CAPCOM2: CC31 Capture Inp./Compare Outp.,
CAN1_TxD CAN 1 Transmit Data Output,
(C161CS/JC)
CAN2_TxD CAN 2 Transmit Data Output,
(C161CS)
SDL_RxD SDLM Receive Data Input
(C161JC/JI)
P9
P9.0
P9.1
P9.2
P9.3
P9.4
P9.5
19
20
21
22
23
24
IO
I/O
I/O
I/O
I/O
I/O
Port 9 is a 6-bit bidirectional open drain I/O port (provide
external pullup resistors if required). It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state.
The following Port 9 pins also serve for alternate functions:
SDA0
IIC Bus Data Line 0
SCL0
IIC Bus Clock Line 0
SDA1
IIC Bus Data Line 1
SCL1
IIC Bus Clock Line 1
SDA2
IIC Bus Data Line 2
Note: Port 9 pins can only tolerate positive overload currents
(see Table 9).
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
No.
Input
Outp.
Function


Similar Part No. - SAB-C161JC-LF

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C161K-L16M SIEMENS-SAB-C161K-L16M Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB-C161K-L25M INFINEON-SAB-C161K-L25M Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAB-C161K-LM INFINEON-SAB-C161K-LM Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
SAB-C161K-LM3V INFINEON-SAB-C161K-LM3V Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller
V2.0, Jan. 2001
logo
Siemens Semiconductor G...
SAB-C161O-L16M SIEMENS-SAB-C161O-L16M Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
More results

Similar Description - SAB-C161JC-LF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com