Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3B1565J Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ICE3B1565J
Description  Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B1565J Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ICE3B1565J Datasheet HTML 6Page - Infineon Technologies AG ICE3B1565J Datasheet HTML 7Page - Infineon Technologies AG ICE3B1565J Datasheet HTML 8Page - Infineon Technologies AG ICE3B1565J Datasheet HTML 9Page - Infineon Technologies AG ICE3B1565J Datasheet HTML 10Page - Infineon Technologies AG ICE3B1565J Datasheet HTML 11Page - Infineon Technologies AG ICE3B1565J Datasheet HTML 12Page - Infineon Technologies AG ICE3B1565J Datasheet HTML 13Page - Infineon Technologies AG ICE3B1565J Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
CoolSET™-F3
ICE3Bxx65J
Version 2.3
10
8 May 2006
3.5
Current Limiting
Figure 8
Current Limiting
There is a cycle by cycle Current Limiting realized by
the Current-Limit comparator C10 to provide an
overcurrent detection. The source current of the
integrated Depl. CoolMOS™ is sensed via an external
sense resistor RSense . By means of RSense the source
current is transformed to a sense voltage VSense which
is fed into the pin CS. If the voltage VSense exceeds the
internal threshold voltage Vcsth the comparator C10
immediately turns off the gate drive by resetting the
PWM Latch FF1. A Propagation Delay Compensation
is added to support the immediate shut down without
delay of the integrated internal CoolMOS™ in case of
Current Limiting. The influence of the AC input voltage
on the maximum output power can thereby be avoided.
To prevent the Current Limiting from distortions caused
by leading edge spikes a Leading Edge Blanking is
integrated in the current sense path for the
comparators C10, C12 and the PWM-OP.
The output of comparator C12 is activated by the Gate
G10 if Active Burst Mode is entered. Once activated the
current limiting is thereby reduced to 0.32V. This
voltage level determines the power level when the
Active Burst Mode is left if there is a higher power
demand.
3.5.1
Leading Edge Blanking
Figure 9
Leading Edge Blanking
Each time when the integrated internal CoolMOS™ is
switched on a leading edge spike is generated due to
the primary-side capacitances and secondary-side
rectifier reverse recovery time. This spike can cause
the gate drive to switch off unintentionally. To avoid a
premature termination of the switching pulse, this spike
is blanked out with a time constant of tLEB = 220ns.
During this time, the gate drive will not be switched off.
3.5.2
Propagation Delay Compensation
In case of overcurrent detection, the switch-off of the
integrated internal CoolMOS™ is delayed due to the
propagation delay of the circuit. This delay causes an
overshoot of the peak current Ipeak which depends on
the ratio of dI/dt of the peak current (see Figure 10).
Figure 10
Current Limiting
The overshoot of Signal2 is bigger than of Signal1 due
to the steeper rising waveform. This change in the
slope is depending on the AC input voltage.
Propagation Delay Compensation is integrated to limit
the overshoot dependency on dI/dt of the rising primary
current. That means the propagation delay time
between exceeding the current sense threshold Vcsth
and the switch off of the integrated inernal CoolMOS™
is compensated over temperature within a wide range.
Current Limiting
C10
C12
&
0.32V
G10
Propagation-Delay
Compensation
V
csth
Active Burst
Mode
PWM Latch
FF1
10k
D1
1pF
PWM-OP
CS
Leading
Edge
Blanking
220ns
t
V
Sense
V
csth
t
LEB = 220ns
t
I
Sense
I
Limit
t
Propagation Delay
I
Overshoot1
I
peak1
Signal1
Signal2
I
Overshoot2
I
peak2


Similar Part No. - ICE3B1565J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B1565J INFINEON-ICE3B1565J Datasheet
988Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
ICE3B1565J INFINEON-ICE3B1565J Datasheet
938Kb / 28P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
ICE3B1565J INFINEON-ICE3B1565J Datasheet
1Mb / 34P
   Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
ICE3B1565J INFINEON-ICE3B1565J Datasheet
938Kb / 28P
   CoolSET짰-F3 (Ji tter Version) Off-Line SMPS Cur rent Mode Controller with integrated 650V CoolMOS짰 and Startup cel l (frequency j itter Mode) in DIP-8
Version 2.9 2013-03-25
More results

Similar Description - ICE3B1565J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
ICE3A0365 INFINEON-ICE3A0365_13 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE2QR0665 INFINEON-ICE2QR0665 Datasheet
918Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.1, Oct 13, 2009
ICE2QR4765 INFINEON-ICE2QR4765 Datasheet
878Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.0, Dec 1, 2009
ICE2QR4765 INFINEON-ICE2QR4765_12 Datasheet
286Kb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.3, November 14, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com