Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3BS02L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # ICE3BS02L
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell and Latched off Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3BS02L Datasheet(HTML) 5 Page - Infineon Technologies AG

  ICE3BS02L Datasheet HTML 1Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 2Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 3Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 4Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 5Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 6Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 7Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 8Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.1
5
28 Sep 2005
F3
ICE3BS02L
Pin Configuration and Functionality
1
Pin Configuration and Functionality
1.1
Pin Configuration with PG-DIP-8-6
Figure 1
Pin Configuration PG-DIP-8-6(top view)
Note:
Pin 4 and 5 are shorted within the DIP 8 package.
1.2
Pin Functionality
SoftS (Soft Start & Auto Restart Control)
The SoftS pin combines the functions of Soft Start during
Start Up and error detection for Auto Restart Mode. These
functions are implemented and can be adjusted by means of
an external capacitor at SoftS to ground. This capacitor also
provides an adjustable blanking window for high load jumps,
before the IC enters into Auto Restart Mode.
FB (Feedback)
The information about the regulation is provided by the FB
Pin to the internal Protection Unit and to the internal PWM-
Comparator to control the duty cycle. The FB-Signal
controls in case of light load the Active Burst Mode of the
controller.
CS (Current Sense)
The Current Sense pin senses the voltage developed on the
series resistor inserted in the source of the external
PowerMOS. If CS reaches the internal threshold of the
Current Limit Comparator, the Driver output is immediately
switched off. Furthermore the current information is
provided for the PWM-Comparator to realize the Current
Mode.
Gate
The Gate pin is the output of the internal driver stage
connected to the Gate of an external PowerMOS.
HV (High Voltage)
The HV pin is connected to the rectified DC input voltage. It
is the input for the integrated 500V Startup Cell.
VCC (Power supply)
The VCC pin is the positive supply of the IC. The operating
range is between 8.5V and 21V.
GND (Ground)
The GND pin is the ground of the controller.
Pin
Symbol
Function
1
SoftS
Soft-Start
2
FB
Feedback
3
CS
Current Sense
4
HV
High Voltage Input
5
HV
High Voltage Input
6
Gate
Driver Stage Output
7
VCC
Controller Supply Voltage
8
GND
Controller Ground
Package PG-DIP-8-6
1
6
7
8
4
3
2
5
GND
SoftS
FB
CS
VCC
Gate
HV
HV


Similar Part No. - ICE3BS02L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BS02 INFINEON-ICE3BS02 Datasheet
496Kb / 23P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21
ICE3BS02 INFINEON-ICE3BS02 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
ICE3BS02G INFINEON-ICE3BS02G Datasheet
496Kb / 23P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21
ICE3BS02G INFINEON-ICE3BS02G Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
More results

Similar Description - ICE3BS02L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3DS01L INFINEON-ICE3DS01L Datasheet
624Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
V2.0, 15 May 2003
ICE3AS02 INFINEON-ICE3AS02_05 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
ICE3BS03LJG INFINEON-ICE3BS03LJG Datasheet
496Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.0, 6 Dec 2007
ICE3DS01L INFINEON-ICE3DS01L_05 Datasheet
712Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.1, 15 Nov 2005
ICE3AS02 INFINEON-ICE3AS02 Datasheet
496Kb / 23P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com