Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3BS02L Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # ICE3BS02L
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell and Latched off Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3BS02L Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button ICE3BS02L Datasheet HTML 3Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 4Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 5Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 6Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 7Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 8Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 9Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 10Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
F3
ICE3BS02L
Functional Description
Version 1.1
7
28 Sep 2005
3
Functional Description
All values which are used in the functional description are
typical values. For calculating the worst cases the min/max
values which can be found in section 4 Electrical
Characteristics have to be considered.
3.1
Introduction
The F3 is the further development of the F2 to meet the
requirements for the lowest Standby Power at minimum load
and no load conditions. A new fully integrated Standby
Power concept is implemented into the IC in order to keep
the application design easy. Compared to F2 no further
external parts are needed to achieve the lowest Standby
Power. An intelligent Active Burst Mode is used for this
Standby Mode. After entering this mode there is still a full
control of the power conversion by the secondary side via the
same optocoupler that is used for the normal PWM control.
The response on load jumps is optimized. The voltage ripple
on Vout is minimized. Vout is further on well controlled in this
mode.
The usually external connected RC-filter in the feedback line
after the optocoupler is integrated in the IC to reduce the
external part count.
Furthermore a high voltage startup cell is integrated into the
IC which is switched off once the Undervoltage Lockout on-
threshold of 15V is exceeded. The external startup resistor is
no longer necessary. Power losses are therefore reduced.
This increases the efficiency under light load conditions
drastically.
The Soft-Start capacitor is also used for providing an
adjustable blanking window for high load jumps. During this
time window the overload detection is disabled. With this
concept no further external components are necessary to
adjust the blanking window.
In order to increase the robustness and safety of the system,
the IC provides 2 levels of protection modes: Latched Off
Mode and Auto Restart Mode. The Latched Off Mode is only
entered under dangerous conditions which can damage the
SMPS if not switched off immediately. A restart of the
system can only be done by disconnecting the AC line.
The Auto Restart Mode reduces the average power
conversion to a minimum under unsafe operating conditions.
This is necessary for a prolonged fault condition which could
otherwise lead to a destruction of the SMPS over time. Once
the malfunction is removed, normal operation is
automatically initiated after the next Start Up Phase.
The internal precise peak current limitation reduces the costs
for the transformer and the secondary diode. The influence
of the change in the input voltage on the power limitation can
be avoided together with the integrated Propagation Delay
Compensation. Therefore the maximum power is nearly
independent on the input voltage which is required for wide
range SMPS. There is no need for an extra over-sizing of the
SMPS, e.g. the transformer or PowerMOS.
3.2
Power Management
Figure 3
Power Management
The Undervoltage Lockout monitors the external supply
voltage VVCC. When the SMPS is plugged to the main line
the internal Startup Cell is biased and starts to charge the
external capacitor CVCC which is connected to the VCC pin.
This VCC charge current which is provided by the Startup
Cell from the HV pin is 1.05mA. When VVCC exceeds the on-
threshold VCCon=15V the internal voltage reference and bias
circuit are switched on. Then the Startup Cell is switched off
by the Undervoltage Lockout and therefore no power losses
present due to the connection of the Startup Cell to the bus
voltage (HV). To avoid uncontrolled ringing at switch-on a
hysteresis is implemented. The switch-off of the controller
can only take place after Active Mode was entered and VVCC
falls below 8.5V.
The maximum current consumption before the controller is
activated is about 160
µA.
When VVCC falls below the off-threshold VCCoff=8.5V the
internal reference is switched off and the Power Down reset
let T1 discharging the soft-start capacitor CSoftS at pin SoftS.
Internal Bias
Voltage
Reference
Power Management
Latched Off Mode
Reset
V
VCC < 6V
6.5V
Latched Off Mode
StartupCell
VCC
Undervoltage Lockout
15V
8.5V
HV
T1
Power-Down Reset
SoftS
Active Burst Mode
Auto Restart Mode


Similar Part No. - ICE3BS02L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BS02 INFINEON-ICE3BS02 Datasheet
496Kb / 23P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21
ICE3BS02 INFINEON-ICE3BS02 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
ICE3BS02G INFINEON-ICE3BS02G Datasheet
496Kb / 23P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21
ICE3BS02G INFINEON-ICE3BS02G Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
More results

Similar Description - ICE3BS02L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3DS01L INFINEON-ICE3DS01L Datasheet
624Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
V2.0, 15 May 2003
ICE3AS02 INFINEON-ICE3AS02_05 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
ICE3BS03LJG INFINEON-ICE3BS03LJG Datasheet
496Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.0, 6 Dec 2007
ICE3DS01L INFINEON-ICE3DS01L_05 Datasheet
712Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.1, 15 Nov 2005
ICE3AS02 INFINEON-ICE3AS02 Datasheet
496Kb / 23P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com