Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS652 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALS652
Description  Transceiver/register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS652 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALS652 Datasheet HTML 2Page - NXP Semiconductors 74ALS652 Datasheet HTML 3Page - NXP Semiconductors 74ALS652 Datasheet HTML 4Page - NXP Semiconductors 74ALS652 Datasheet HTML 5Page - NXP Semiconductors 74ALS652 Datasheet HTML 6Page - NXP Semiconductors 74ALS652 Datasheet HTML 7Page - NXP Semiconductors 74ALS652 Datasheet HTML 8Page - NXP Semiconductors 74ALS652 Datasheet HTML 9Page - NXP Semiconductors 74ALS652 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
Product specification
74ALS651/74ALS651-1
74ALS652/74ALS652-1
Transceiver/register
1991 Feb 08
6
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IO
Current applied to output in Low output state
All versions
48
mA
IOUT
Current applied to output in Low output state
-1 version
96
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–15
mA
IO
Low level output current
All versions
24
mA
IOL
Low-level output current
-1 version
48 1
mA
Tamb
Operating free-air temperature range
0
+70
°C
NOTE:
1. The 48mA limit applies only under the condition of VCC = 5.0V ±5%.


Similar Part No. - 74ALS652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS620A PHILIPS-74ALS620A Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1 PHILIPS-74ALS620A-1 Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1D PHILIPS-74ALS620A-1D Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1N PHILIPS-74ALS620A-1N Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620AD PHILIPS-74ALS620AD Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
More results

Similar Description - 74ALS652

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
logo
NXP Semiconductors
74ALS646 PHILIPS-74ALS646 Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
74ACTQ652 FAIRCHILD-74ACTQ652 Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
logo
Integrated Device Techn...
IDT74FCT646 IDT-IDT74FCT646 Datasheet
91Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/REGISTER
logo
Fairchild Semiconductor
DM74AS652WMX FAIRCHILD-DM74AS652WMX Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com