Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A1907-07 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1A1907-07
Description  Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1A1907-07 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1A1907-07 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1A1907-07 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1A1907-07 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1A1907-07 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9-7-99
SB99168
Rev. A
.280"
(7.11mm)
.102"
(2.6mm)
.155"
(3.94mm)
.255"
(6.5mm)
.410"
(10.4mm)
.060"
(1.5mm)
.150"
(3.81mm)
.320"
(8.13mm)
.245"
(6.2mm)
.226"
(5.74mm)
.321"
(8.15mm)
.280"
(7.11mm)
.102"
(2.6mm)
.155"
(3.94mm)
.255"
(6.5mm)
.410"
(10.4mm)
.060"
(1.5mm)
.150"
(3.81mm)
.320"
(8.13mm)
.245"
(6.2mm)
.226"
(5.79mm)
.321"
(8.20mm)
Fuse Clips for Printed Circuit Boards
1AXXXX
For ATC, 5mm, ⁄Ω¢∑ & ⁄‹Ω£™∑ Diameter Fuses
Series
Form No. 1AXXXX Series
Page 1 of 4
BIF Doc #2131
Bussmann®
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A1907-02
Cart. Brass
None Bright
Dipped
1A1907-03
BeCu**
Bright Tin
1A1907-05
BeCu**
Silver
1A1907-06
Cart. Brass
Bright Tin
1A1907-07
Spg. Br.
Bright Tin
1A1907 Series
For ⁄Ω¢∑ Diameter Fuses
With End Stops & Straight Leads
.245"
(6.2mm)
.280"
(7.1mm)
.280"
(7.1mm)
.155"
(3.94mm)
.410"
(10.4mm)
.140"
(3.6mm)
.060"
(1.5mm)
.320"
(8.13mm)
.102" Dia.
(2.6mm)
.255"
(6.5mm)
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A3398-07
Cart. Brass
Bright Tin
1A3398-08
Spg. Br.
Bright Tin
1A3398 Series
For ⁄Ω¢∑ Diameter Fuses
Without End Stops & Straight Leads
.280"
(7.1mm)
.280"
(7.1mm)
.155"
(3.94mm)
.410"
(10.4mm)
.140"
(3.6mm)
.060"
(1.5mm)
.320"
(8.13mm)
.102" Dia.
(2.6mm)
.255"
(6.5mm)
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass
**Beryllium copper recommended for currents higher than 15 amps (⁄Ω¢∑ clips).
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A4534-01
BeCu**
Bright Tin
1A4534-06
Cart. Brass
Bright Tin
1A4534-07
Spg. Br.
Bright Tin
1A4534 Series
For ⁄Ω¢∑ Diameter Fuses
With End Stops & Angled Out Leads
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A4533-01
BeCu**
Bright Tin
1A4533-06
Cart. Brass
Bright Tin
1A4533-07
Spg. Br.
Bright Tin
1A4533 Series
For ⁄Ω¢∑ Diameter Fuses
Without End Stops & Angled Out Leads


Similar Part No. - 1A1907-07

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A1907-02 COOPER-1A1907-02 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
1A1907-02 COOPER-1A1907-02 Datasheet
87Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
1A1907-02 COOPER-1A1907-02 Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
Eaton All Rights Reserv...
1A1907-02-R EATON-1A1907-02-R Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
logo
Cooper Bussmann, Inc.
1A1907-03 COOPER-1A1907-03 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
More results

Similar Description - 1A1907-07

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A3400-09-R COOPER-1A3400-09-R Datasheet
87Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
1A1119-04 COOPER-1A1119-04 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
1A1119-04 COOPER-1A1119-04_13 Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
Littelfuse
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
01020071 LITTELFUSE-01020071_V01 Datasheet
890Kb / 2P
   102/122 Series Circuit Board Mount Fuse Clips for 1/4??Diameter Fuses
Revised: 01/14/19
52000001009 LITTELFUSE-52000001009_V01 Datasheet
874Kb / 1P
   520/521/102071 Series Circuit Board Mount Fuse Clips for 5mm & 6.3mm Diameter Fuses
Revised: 02/16/15
01000054Z LITTELFUSE-01000054Z_V01 Datasheet
334Kb / 2P
   100/445/030/520 Series Circuit Board Mount Fuse Clips for 5mm Diameter Fuses
Revised: GD. 04/13/22
01050003H LITTELFUSE-01050003H_V01 Datasheet
675Kb / 1P
   105/106/125 Series Circuit Board Mount Clips for Midget (13/32?? Diameter Fuses
Revised: 01/31/20
354 LITTELFUSE-354 Datasheet
100Kb / 1P
   Fuse Blocks and Clips - For 3AG Fuses
356001 LITTELFUSE-356001 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com