Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A1120-06 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1A1120-06
Description  Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1A1120-06 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1A1120-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1A1120-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1A1120-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1A1120-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9-7-99
SB99168
Rev. A
Fuse Clips for Printed Circuit Boards
1AXXXX
For ATC, 5mm, ⁄Ω¢∑ & ⁄‹Ω£™∑ Diameter Fuses
Series
Bussmann®
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A3400-09
Spg. Br.
Bright Tin
1A3400 Series
For ⁄‹Ω£™∑ Diameter Fuses (20 Amps Maximum)
With End Stops & Straight Leads
.218"
(5.5mm)
.710"
(18.0mm)
.080"
(2.0mm)
.470"
(11.9mm)
.142" Dia.
(3.6mm)
.050"
(1.27mm)
.437"
(11.1mm)
.450"
(11.9mm)
.380"
(9.7mm)
Dimensional Data
Catalog
Clip
Number
Mat.*
Finish
1A5600
Cart.
Satin
Brass
Finish Tin
1A5600 Series
For ATC
® Fuses (0 to 20 Amps)
1A5778 Series
1A5779 Series
1A5780 Series
.150"
(3.81mm)
.330"
(8.38mm)
.295"
(7.49mm)
.180"
(4.57mm)
.200"
(5.08mm)
.053"
(1.35mm)
.090"
(2.29mm)
.090"
(2.29mm)
Form No. 1AXXXX Series
Page 3 of 4
BIF Doc #2131
MOUNTING LAYOUT FOR 2 CLIPS
.012
.30
MATERIAL: BRASS, NICKEL PLATED,
THICK
1.90
.075
.156
3.96
.440
11.18
4.98
.196
.125
3.18
1.57
.062
.062
1.57
2.18
.086
3.66
.144
(TYP-4)
1.65Å}.05
.065Å}.002
DIA. HOLE
.144
3.66
.176
4.47
3.66
.144
SPECIFICATIONS
. .
. . . . .
. . . . .
. . . . .
. . . . . . . .
MOUNTING LAYOUT
UL RATED 94V-0
BRASS, NICKEL PLATED
GLASS FILLED NYLON,
500V AC
15 AMPS
145flC
292flF
TO
-50flC
-58flF
TEMPERATURE RATING
VOLTAGE RATING
CURRENT RATING
FUSECLIPS
BASE MATERIAL
BASE
FUSECLIPS
14.68
.578
4.75
.187
1.45
.057
3.18
.125
1.24
.049
.340
8.64
.100
2.54
.062
1.57
3.66
.144
(TYP-4)
1.65Å}.05
.065Å}.002
DIA. HOLE
.144
3.66
.176
4.47
3.66
.144
292flF
-58flF
SPECIFICATIONS
. .
. . . . .
. . . . .
. . . . .
. . . . . . . .
MOUNTING LAYOUT
UL RATED 94V-0
BRASS, NICKEL PLATED
GLASS FILLED NYLON,
500V AC
15 AMPS
145flC
TO
-50flC
TEMPERATURE RATING
VOLTAGE RATING
CURRENT RATING
FUSECLIPS
BASE MATERIAL
19.30
.760
3.18
.125
5.08
.200
BASE
FUSECLIPS
4.45
.175
6.35
.250
.271
6.88
.437
11.10
.050
1.27
(TYP-4)
2.54Å}.05
.100Å}.002
DIA. HOLE
.200
5.08
.160
4.06
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass
**Beryllium copper recommended for currents higher than 15 amps (⁄Ω¢∑ clips).


Similar Part No. - 1A1120-06

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A1120-06 COOPER-1A1120-06 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
1A1120-06 COOPER-1A1120-06 Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
Eaton All Rights Reserv...
1A1120-06-R EATON-1A1120-06-R Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
More results

Similar Description - 1A1120-06

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A3400-09-R COOPER-1A3400-09-R Datasheet
87Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
1A1119-04 COOPER-1A1119-04 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
1A1119-04 COOPER-1A1119-04_13 Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
Littelfuse
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
01020071 LITTELFUSE-01020071_V01 Datasheet
890Kb / 2P
   102/122 Series Circuit Board Mount Fuse Clips for 1/4??Diameter Fuses
Revised: 01/14/19
52000001009 LITTELFUSE-52000001009_V01 Datasheet
874Kb / 1P
   520/521/102071 Series Circuit Board Mount Fuse Clips for 5mm & 6.3mm Diameter Fuses
Revised: 02/16/15
01000054Z LITTELFUSE-01000054Z_V01 Datasheet
334Kb / 2P
   100/445/030/520 Series Circuit Board Mount Fuse Clips for 5mm Diameter Fuses
Revised: GD. 04/13/22
01050003H LITTELFUSE-01050003H_V01 Datasheet
675Kb / 1P
   105/106/125 Series Circuit Board Mount Clips for Midget (13/32?? Diameter Fuses
Revised: 01/31/20
354 LITTELFUSE-354 Datasheet
100Kb / 1P
   Fuse Blocks and Clips - For 3AG Fuses
356001 LITTELFUSE-356001 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com