Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6125TD2.5A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6125TD2.5A
Description  Brick Fuses Time Delay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

6125TD2.5A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6125TD2.5A Datasheet HTML 1Page - List of Unclassifed Manufacturers 6125TD2.5A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Time Delay surface mount fuse capable of replacing
glass tube fuses in certain applications
• Environmentally rugged, complies with EIA-IS-722
Standard
• Solder Immersion Compatible
• Targeted for Consumer Electronics
Agency Information
• UL Recognition Guide & File numbers: JDYX2 & E19180.
• CSA Component Acceptance: 053787 C 000 & Class
No: 1422 30.
Environmental Data
•Life Test: MIL-STD-202, Method 108A, Test Condition D
• Load Humidity: MIL-STD-202, Method 103B
• Moisture Resistance: MIL-STD-202, Method 106E
• Thermal Shock: MIL-STD-202, Method 107D, air-to-air
• Case Resistance: EIA/IS-722
• Resistance to Dissolution of Metallization:
ANSI J-STD-002, Test D
• Mechanical Shock: MIL-STD-202, Method 213B, Test
Condition A
• High Frequency Vibration: MIL-STD-202, Method 204D,
Test Condition D
• Resistance to Solvents: MIL-STD-202, Method 215A
Ordering
• Specify product code and packaging code
Soldering Method
• Wave Immersion: 260°C, 3 sec max.
• Infrared: 260°C, 30 sec max.
2.6
3.0
(0.102)
(0.118)
4.0
(0.157)
8.6
(0.338)
Land Pattern
Dimensions mm(inches)
BrickFuses
6125TD Series, Time Delay
ELECTRICAL CHARACTERISTICS
% of Amp Rating
Opening Time
100%
4 Hours Minimum
200%
1 Second Minimum
200%
2-4 Seconds Typical
200%
60 Seconds Maximum
SPECIFICATIONS
Product
Voltage
Interrupting
DC Cold
Typical
Typical
Code
Rating
Rating*
Resistance** (ohms)
Melting
Voltage
AC
DC
125VAC
60VDC
min.
typ.
max.
I2t†
Drop‡
6125TD500mA
125V
60V
50A
50A
.3350
.4025
.4700
0.716
245 mV
6125TD750mA
125V
60V
50A
50A
.2000
.2350
.2700
1.07
250 mV
6125TD1A
125V
60V
50A
50A
.1350
.1680
.2000
2.88
256 mV
6125TD1.5A
125V
60V
50A
50A
.0550
.0630
.0700
2.35
125 mV
6125TD2A
125V
60V
50A
50A
.0380
.0480
.0580
9.45
133 mV
6125TD2.5A
125V
60V
50A
50A
.0280
.0350
.0420
16.2
130 mV
6125TD3A
125V
60V
50A
50A
.0225
.0263
.0300
15.3
97 mV
6125TD3.5A
125V
60V
50A
50A
.0170
.0195
.0220
14.5
95 mV
6125TD4A
125V
60V
50A
50A
.0160
.0185
.0210
38.8
106 mV
6125TD5A
125V
60V
50A
50A
.0115
.0133
.0150
34.4
100 mV
6125TD7A
125V
60V
50A
50A
.0073
.0087
.0100
90.2
99 mV
*AC Interrupting Rating (Measured at designated voltage, 100% power factor); DC Interrupting Rating (Measured at designated voltage, time constant of less than
50 microseconds, battery source)
** DC Cold Resistance (Measured at 10% of rated current)
†Typical Melting I2t (Measured with a battery bank at rated DC voltage, 10x-rated current (not to exceed IR), time constant of calibrated circuit less than 50 microseconds)
‡Typical Voltage Drop (Measured at rated current after temperature stabilizes)
Device designed to carry rated current for four hours minimum. An operating current of 80% or less of rated current is recommended, with further derating required at
elevated ambient temperatures.


Similar Part No. - 6125TD2.5A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
6125TD2.5-R EATON-6125TD2.5-R Datasheet
348Kb / 2P
   Time-delay surface mount fuse
More results

Similar Description - 6125TD2.5A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
   Time-Delay Fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
   time-delay fuses
KRP-C-2001SP ETC1-KRP-C-2001SP Datasheet
741Kb / 4P
   time-delay fuses
logo
Eaton All Rights Reserv...
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
   Subminiature time-delay fuses
logo
Cooper Bussmann, Inc.
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
   Time-Delay, Glass Tube Fuses
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
   Dual-Element Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
   Dual-Element, Time-Delay Fuses
logo
Bel Fuse Inc.
0ABB BEL-0ABB Datasheet
731Kb / 4P
   0603 Time Delay SMD Fuses
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
   Dual-Element Time-Delay Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com