Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60DCB10B Datasheet(PDF) 3 Page - Tyco Electronics

Part # 60DCB10B
Description  RFI Power Line Filters for DC Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

60DCB10B Datasheet(HTML) 3 Page - Tyco Electronics

  60DCB10B Datasheet HTML 1Page - Tyco Electronics 60DCB10B Datasheet HTML 2Page - Tyco Electronics 60DCB10B Datasheet HTML 3Page - Tyco Electronics 60DCB10B Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CORCOM Product Guide
RFI Power Line Filters for DC Applications (Continued)
144
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.cor.com
Revised 03-04
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
1-508-992-4495
are metric equivalents.
to change.
Germany:
49-89-6089-0
DC Series
Terminations
Case Styles
Figure 4
Figure 5
F
D
A
C
B
E
L
I
N
E
L
O
A
D
-VDC
RTN
-VDC
RTN
Tapped insert: 6-32 (4)
A
D
E
F
C
B
L
I
N
E
L
O
A
D
RTN
-VDC
RTN
-VDC
Note: Delete circuit breaker for DCB10 models.
Typical dimensions:
Mounting Holes: .156 x .203 [4.0 x 5.2] Dia. (4)
Figure 6
B
A
C
D
E
F
-VDC
RTN
-VDC
RTN
L
I
N
E
L
O
A
D
Tapped insert: 6-32 (4)
Typical dimensions:
Mounting Slots: .260 x .39 [6.6 x 9.9] (4)
Figure 7
F
D
B
A
E
C
L
I
N
E
L
O
A
D
-VDC
RTN
VDC
VDC
RTN
RTN
-VDC
RTN
Tapped insert: 6-32 (4)
Note: Delete circuit breaker for DCB6 models.
Figure 8
B
A
C
D
E
F
L
I
N
E
L
O
A
D
-VDC
RTN
-VDC
RTN
Tapped insert: 6-32 (4)
Typical dimensions:
Mounting Slots: .260 x .39 [6.6 x 9.9] (4)
Figure 9
A
D
E
F
C
B
L
I
N
E
L
O
A
D
Typical dimensions:
Mounting Slots: .260 x .39 [6.6 x 9.9] (4)
Mounting Holes: .203x.156 [5.2 x 4.0] (4)
Note: 15A & 30A versions come with mounting holes in place of mounting slots.
Figure 10
F
D
A
C
B
E
L
I
N
E
L
O
A
D
Tapped insert: 6-32 (4)
Note: Delete circuit breaker for DCB10 models
Style 6 (15, 30 & 60A)
Style 6 (100 & 125A)
Supplied with #10-32 redundant
Supplied with 1/4-20 redundant
studs - 0.625 [15.88] spacing like
studs - 0.750 [19.05] spacing like
polarity, 0.750 [19.05] spacing
polarity.1.000 [25.4] spacing
opposing polarity.
opposing polarity.
Torque Spec: 27±3 in-lb.
Torque Spec: 56±2 in-lb.
Style 10 (15 & 30A)
Style 10 (60A)
PHOENIX CONTACT
PHOENIX CONTACT
P/N VDFK4
P/N HDFK 16-VP
Accepts 12 AWG stranded wire
Accepts 6 AWG stranded wire
Wire Strip Length: 0.315 [8.0]
Wire Strip Length: 0.630 [16.0]
Torque Spec: 5.5 - 7.0 in-lb.
Torque Spec: 17.7 - 21.2 in-lb.
Ground Stud 8-32
Ground Stud 10-32
Style 10 (100A)
Style 10 (125A)
PHOENIX CONTACT
PHOENIX CONTACT
P/N HDFK 25-VP
P/N HDFK-50-VP
Accepts 4 AWG stranded wire
Accepts 1 AWG stranded wire
Wire Strip Length: 0.748 [19.0]
Wire Strip Length: 0.945 [24.0]
Torque Spec: 35.4 - 39.9 in-lb.
Torque Spec: 35.4 - 39.9 in-lb.
Ground Stud 1/4 - 20
Ground Stud 1/4 - 20


Similar Part No. - 60DCB10B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
60DCB10B MACOM-60DCB10B Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
60DCB10B MACOM-60DCB10B Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
60DCB10B TEC-60DCB10B Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
60DCB10BF MACOM-60DCB10BF Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
60DCB10BF MACOM-60DCB10BF Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
More results

Similar Description - 60DCB10B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
   RFI Power Line Filters for DC Applications
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
   RFI Power Line Filters for DC Applications
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
3EXP MACOM-3EXP Datasheet
431Kb / 2P
   PC Board Mountable RFI Power Line Filters for Emission Control Applications
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
logo
TE Connectivity Ltd
AYC TEC-AYC Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
10EHT TEC-10EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com