Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB3LV-5I-M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CB3LV-5I-M
Description  CMOS/TTL CLOCK OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CB3LV-5I-M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CB3LV-5I-M Datasheet HTML 1Page - List of Unclassifed Manufacturers CB3LV-5I-M Datasheet HTML 2Page - List of Unclassifed Manufacturers CB3LV-5I-M Datasheet HTML 3Page - List of Unclassifed Manufacturers CB3LV-5I-M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CMOS/TTL CLOCK OSCILLATOR
Document No. 008-0256-0
Page 1 - 4
Rev. C
٠ ٠ ٠ CTS Communications Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ Phone 630-924-3500 ٠ www.ctscorp.com ٠ Toll Free 800-757-6686 ٠ ٠ ٠
Model CB3 & CB3LV
Technical Data
FEATURES
• Standard 7.5x5mm Surface Mount Footprint
• CMOS/TTL Compatible
• Frequency Range 1.5 – 160 MHz
• Frequency Stability, ±50 ppm Standard
(±25 ppm and ±20 ppm available)
• +3.3Vdc or +5.0Vdc Operation
• Operating Temperature to –40°C to +85°C
• Output Enable Standard
• Tape & Reel Packaging
• RoHS Compliant
ORDERING INFORMATION
CB3
-
-
M
SUPPLY VOLTAGE
FREQUENCY IN MHz
LV = +3.3Vdc
Blank = +5.0Vdc
M - indicates MHz and decimal point.
Frequency is recorded with minimum 4
significant digits to the right of the "M".
FREQUENCY STABILITY
OPERATING TEMPERATURE RANGE
C = -20°C to +70°C (standard)
I = -40°C to +85°C
6 = ± 20 ppm
5 = ± 25 ppm
7 = ± 32 ppm
3 = ± 50 ppm (standard)
2 = ± 100 ppm (-40°C to +85°C only)
Example Part Number: CB3LV-3C-32M7680 or CB3-3I-32M7680
DESCRIPTION
The CB3/CB3LV is a ceramic packaged Clock
oscillator offering reduced size and enhanced
stability. The small size means it is perfect for
any application. The enhanced stability means it
is the perfect choice for today’s communications
applications that require tight frequency control.


Similar Part No. - CB3LV-5I-M

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CB3LV-5I-27M0000 CTS-CB3LV-5I-27M0000 Datasheet
216Kb / 3P
   Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
More results

Similar Description - CB3LV-5I-M

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO1000T WK-SXO1000T Datasheet
44Kb / 1P
   TTL CLOCK-OSCILLATOR
logo
Fox Electronics
F1100H FOX-F1100H Datasheet
119Kb / 1P
   TTL CLOCK OSCILLATOR
logo
CTS Corporation
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
632 CTS-632 Datasheet
148Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
   HCMOS/TTL Clock Oscillator
logo
Vectron International, ...
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
   Hybrid TTL Clock Oscillator
logo
CTS Corporation
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
logo
Fox Electronics
F1100E FOX-F1100E Datasheet
87Kb / 1P
   5.0V TTL CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com