Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS623A-1D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALS623A-1D
Description  Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS623A-1D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALS623A-1D Datasheet HTML 3Page - NXP Semiconductors 74ALS623A-1D Datasheet HTML 4Page - NXP Semiconductors 74ALS623A-1D Datasheet HTML 5Page - NXP Semiconductors 74ALS623A-1D Datasheet HTML 6Page - NXP Semiconductors 74ALS623A-1D Datasheet HTML 7Page - NXP Semiconductors 74ALS623A-1D Datasheet HTML 8Page - NXP Semiconductors 74ALS623A-1D Datasheet HTML 9Page - NXP Semiconductors 74ALS623A-1D Datasheet HTML 10Page - NXP Semiconductors 74ALS623A-1D Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product specification
74ALS620A/74ALS620A-1
74ALS623A/74ALS623A-1
Transceivers
1991 Feb 08
7
AC ELECTRICAL CHARACTERISTICS FOR 74ALS620A/74ALS620A-1
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tPLH
tPHL
Propagation delay
An to Bn, Bn to An
Waveform 1
2.0
2.0
10.0
10.0
ns
tPZH
tPZL
Output enable time
OEBA to An
Waveform 3
Waveform 4
2.0
3.0
17.0
25.0
ns
tPHZ
tPLZ
Output disable time
OEBA to An
Waveform 3
Waveform 4
2.0
2.0
12.0
18.0
ns
tPZH
tPZL
Output enable time
OEAB to Bn
Waveform 3
Waveform 4
2.0
3.0
18.0
25.0
ns
tPHZ
tPLZ
Output disable time
OEAB to Bn
Waveform 3
Waveform 4
2.0
3.0
12.0
18.0
ns
AC ELECTRICAL CHARACTERISTICS FOR 74ALS623A/74ALS623A-1
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tPLH
tPHL
Propagation delay
An to Bn, Bn to An
Waveform 2
2.0
2.0
13.0
11.0
ns
tPZH
tPZL
Output enable time
OEBA to An
Waveform 3
Waveform 4
2.0
3.0
22.0
22.0
ns
tPHZ
tPLZ
Output disable time
OEBA to An
Waveform 3
Waveform 4
2.0
2.0
16.0
19.0
ns
tPZH
tPZL
Output enable time
OEAB to Bn
Waveform 3
Waveform 4
2.0
3.0
22.0
22.0
ns
tPHZ
tPLZ
Output disable time
OEAB to Bn
Waveform 3
Waveform 4
2.0
2.0
16.0
19.0
ns


Similar Part No. - 74ALS623A-1D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS645A PHILIPS-74ALS645A Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645A-1 PHILIPS-74ALS645A-1 Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645A-1N PHILIPS-74ALS645A-1N Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645AD PHILIPS-74ALS645AD Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645AN PHILIPS-74ALS645AN Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
More results

Similar Description - 74ALS623A-1D

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
MAX13080E ARTSCHIP-MAX13080E Datasheet
3Mb / 24P
   Transceivers
logo
Unisonic Technologies
UTRS3088 UTC-UTRS3088 Datasheet
227Kb / 8P
   TRANSCEIVERS
logo
Linear Technology
LTC1321ISW LINER-LTC1321ISW Datasheet
337Kb / 20P
   Transceivers
logo
NXP Semiconductors
74F641 PHILIPS-74F641 Datasheet
92Kb / 10P
   Transceivers
1999 Jan 08
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
logo
Microsemi Corporation
MDU19XX MICROSEMI-MDU19XX Datasheet
841Kb / 2P
   WAVEGUIDE TRANSCEIVERS
MDU1020 MICROSEMI-MDU1020_1 Datasheet
836Kb / 2P
   PLANAR TRANSCEIVERS
logo
OPLINK Communications I...
DTR-XXX-LS-W OPLINK-DTR-XXX-LS-W Datasheet
215Kb / 9P
   Multimode Transceivers
logo
Texas Instruments
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com