Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACH16245DGG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # ACH16245DGG
Description  2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ACH16245DGG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button ACH16245DGG Datasheet HTML 2Page - NXP Semiconductors ACH16245DGG Datasheet HTML 3Page - NXP Semiconductors ACH16245DGG Datasheet HTML 4Page - NXP Semiconductors ACH16245DGG Datasheet HTML 5Page - NXP Semiconductors ACH16245DGG Datasheet HTML 6Page - NXP Semiconductors ACH16245DGG Datasheet HTML 7Page - NXP Semiconductors ACH16245DGG Datasheet HTML 8Page - NXP Semiconductors ACH16245DGG Datasheet HTML 9Page - NXP Semiconductors ACH16245DGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ALVC16245/
74ALVCH16245
16-bit bus transceiver with direction pin (3-State)
1998 Jun 29
6
AC CHARACTERISTICS FOR VCC = 3.0V TO 3.6V RANGE AND VCC = 2.7V
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1, 2
MAX
MIN
TYP1
MAX
tPHL/tPLH
Propagation delay
nAn to nBn; nBn to nAn
1, 3
1.0
1.9
3.0
1.0
2.1
3.6
ns
tPZH/tPZL
3-State output enable time
nOE to nAn; nOE to nBn
2, 3
1.0
2.3
4.4
1.0
3.0
5.4
ns
tPHZ/tPLZ
3-State output disable time
nOE to nAn; nOE to nBn
2, 3
1.0
2.8
4.1
1.0
3.1
4.6
ns
NOTES:
1. All typical values are measured at Tamb = 25°C.
2. Typical value is measured at VCC = 3.3V
AC WAVEFORMS FOR VCC = 2.3V TO 2.7V AND
VCC < 2.3V RANGE
VM = 0.5 VCC
VX = VOL + 0.15V
VY = VOH –0.15V
VOL and VOH are the typical output voltage drop that occur with the
output load.
V
I = VCC
AC WAVEFORMS FOR VCC = 3.0V TO 3.6V AND
VCC = 2.7V RANGE
VM = 1.5 V
VX = VOL + 0.3V
VY = VOH –0.3V
VOL and VOH are the typical output voltage drop that occur with the
output load.
V
I = 2.7V
SW00063
An, Bn
INPUT
VM
tPHL
tPLH
VOL
VI
VM
GND
VOH
Bn, An
OUTPUT
Waveform 1. Input (nAn, nBn) to output (nBn, nAn)
propagation delay times
tPLZ
tPZL
VI
OE INPUT
GND
VCC
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00064
Waveform 2. 3-State enable and disable times


Similar Part No. - ACH16245DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ACH16244DGG PHILIPS-ACH16244DGG Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
ACH16244DL PHILIPS-ACH16244DL Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
More results

Similar Description - ACH16245DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
74ALVT16646 PHILIPS-74ALVT16646 Datasheet
106Kb / 15P
   2.5V/3.3V 16-bus transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com