Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACH16245DGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ACH16245DGG
Description  2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ACH16245DGG Datasheet(HTML) 2 Page - NXP Semiconductors

  ACH16245DGG Datasheet HTML 1Page - NXP Semiconductors ACH16245DGG Datasheet HTML 2Page - NXP Semiconductors ACH16245DGG Datasheet HTML 3Page - NXP Semiconductors ACH16245DGG Datasheet HTML 4Page - NXP Semiconductors ACH16245DGG Datasheet HTML 5Page - NXP Semiconductors ACH16245DGG Datasheet HTML 6Page - NXP Semiconductors ACH16245DGG Datasheet HTML 7Page - NXP Semiconductors ACH16245DGG Datasheet HTML 8Page - NXP Semiconductors ACH16245DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ALVC16245/
74ALVCH16245
16-bit bus transceiver with direction pin (3-State)
2
1998 Jun 29
853-2083 19638
FEATURES
Wide supply voltage range of 1.2V to 3.6V
Complies with JEDEC standard no. 8-1A
CMOS low power consumption
MULTIBYTETM flow-through standard pin-out architecture
Low inductance multiple V
CC and ground pins for minimum noise
and ground bounce
Direct interface with TTL levels
All data inputs have bus hold (74ALVCH16245 only)
Output drive capability 50Ω transmission lines @ 85°C
Current drive ±24 mA at 3.0 V
DESCRIPTION
The 74ALVC16245(74ALVCH16245) is a 16-bit transceiver featuring
non-inverting 3-State bus compatible outputs in both send and
receive directions.
The 74ALVC16245(74ALVCH16245) features two output enable
(nOE) inputs for easy cascading and two send/receive (nDIR) inputs
for direction control. nOE controls the outputs so that the buses are
effectively isolated. This device can be used as two 8-bit
transceivers or one 16-bit transceiver.
The 74ALVCH16245 has active bus hold circuitry which is provided
to hold unused or floating data inputs at a valid logic level. This
feature eliminates the need for external pull-up or pull-down
resistors.
The 74ALVC16245 has 5V tolerant inputs.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
GND
VCC1
GND
GND
VCC1
2A5
2A4
VCC2
2A3
2A2
GND
2A1
2A0
1A7
1A6
GND
1A5
1A4
VCC2
1A3
1A2
GND
1A1
1A0
1OE
21
22
23
24
25
26
27
28
GND
2DIR
2OE
2A7
2A6
GND
SW00198
1DIR
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf ≤ 2.5ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
An to Bn;
Bn to An
VCC = 2.5V, CL = 30pF
VCC = 3.3V, CL = 50pF
1.9
ns
CI
Input capacitance
4.0
pF
CI/O
Input/output capacitance
8.0
pF
C
Power dissipation capacitance per buffer
V = GND to VCC1
Outputs enabled
29
pF
CPD
Power dissipation capacitance per buffer
VI = GND to VCC1
Outputs disabled
5
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where: fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V; S (CL × VCC2 × fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVC16245 DL
AC16245 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVC16245 DGG
AC16245 DGG
SOT362-1
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVCH16245 DL
ACH16245 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVCH16245 DGG
ACH16245 DGG
SOT362-1


Similar Part No. - ACH16245DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ACH16244DGG PHILIPS-ACH16244DGG Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
ACH16244DL PHILIPS-ACH16244DL Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
More results

Similar Description - ACH16245DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
74ALVT16646 PHILIPS-74ALVT16646 Datasheet
106Kb / 15P
   2.5V/3.3V 16-bus transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com