Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH162601 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVCH162601
Description  18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162601 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVCH162601 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 13Page - NXP Semiconductors 74ALVCH162601 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1999 Oct 14
10
Philips Semiconductors
Product specification
18-bit universal bus transceiver with 30
termination resistor; 3-state
74ALVCH162601
AC CHARACTERISTICS FOR VCC = 2.3 TO 2.7 V
Ground = 0 V; tr =tf ≤ 2.0 ns; CL =30pF.
Note
1. All typical values are measured at Tamb =25 °C and VCC = 2.5 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 TO +85 °C
UNIT
WAVEFORMS
VCC (V)
MIN.
TYP.(1)
MAX.
tPHL/tPLH
propagation delay
An,Bn to Bn,An
see Figs 6 and 10
2.3 to 2.7 1.3
4.0
5.3
ns
propagation delay
LEAB,LEBA to Bn,An
see Figs 7 and 10
2.3 to 2.7
1.0
4.5
6.0
ns
propagation delay
CPAB,CPBA to Bn,An
see Figs 7 and 10
2.3 to 2.7
1.5
4.7
6.4
ns
tPZH/tPZL
3-state output enable time
OEAB, OEBA to Bn,An
see Figs 8 and 10
2.3 to 2.7
1.6
3.9
6.1
ns
tPHZ/tPLZ
3-state output disable time
OEAB, OEBA to Bn,An
see Figs 8 and 10
2.3 to 2.7
1.8
2.6
5.7
ns
tW
clock pulse width HIGH LEAB
or LEBA
see Figs 7 and 10
2.3 to 2.7
3.3
1.6
ns
clock pulse width HIGH or
LOW CPAB or CPBA
see Figs 7 and 10
2.3 to 2.7
3.3
2.0
ns
tsu
set-up time
An,Bn to CPAB,CPBA
see Figs 9 and 10
2.3 to 2.7
+2.3
−0.2
ns
set-up time
An,Bn to LEAB,LEBA
see Figs 9 and 10
2.3 to 2.7
1.3
0.1
ns
set-up time
CEAB, CEBA to CPAB,CPBA
2.3 to 2.7
+2.0
−0.4
ns
th
hold time
An,Bn to CPAB,CPBA
see Figs 9 and 10
2.3 to 2.7
1.2
0.3
ns
hold time
An,Bn to LEAB,LEBA
see Figs 9 and 10
2.3 to 2.7
1.3
0.2
ns
hold time
CEAB, CEBA to CPAB,CPBA
2.3 to 2.7
1.1
0.4
ns
fmax
maximum clock pulse
frequency
see Figs 7 and 10
2.3 to 2.7
150
190
MHz


Similar Part No. - 74ALVCH162601

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
74ALVCH162601DGG NEXPERIA-74ALVCH162601DGG Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
Texas Instruments
74ALVCH162601DLG4 TI-74ALVCH162601DLG4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH162601DLRG4 TI-74ALVCH162601DLRG4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH162601GRE4 TI-74ALVCH162601GRE4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH162601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH162601 PHILIPS-74ALVCH162601_15 Datasheet
104Kb / 20P
   18-bit universal bus transceiver with 30 W termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com