Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1836C Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1836C
Description  3.3V/5V MicroManager
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1836C Datasheet(HTML) 8 Page - Dallas Semiconductor

  DS1836C Datasheet HTML 1Page - Dallas Semiconductor DS1836C Datasheet HTML 2Page - Dallas Semiconductor DS1836C Datasheet HTML 3Page - Dallas Semiconductor DS1836C Datasheet HTML 4Page - Dallas Semiconductor DS1836C Datasheet HTML 5Page - Dallas Semiconductor DS1836C Datasheet HTML 6Page - Dallas Semiconductor DS1836C Datasheet HTML 7Page - Dallas Semiconductor DS1836C Datasheet HTML 8Page - Dallas Semiconductor DS1836C Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DS1836A/B/C/D
8 of 9
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; VCC = 1.2V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Output Voltage @ -500
mA
VOH
VCC
-0.5
VCC
-0.1
V1
Input Leakage
IIL
-1.0
+1.0
mA
2
Output Current @ 2.4V
IOH
350
mA
3
Output Current @ 0.4V
IOL
+10
mA
3
Operating Current @
* 5.5VIN
ICC
35
55
mA
4
Operating Current @
* 3.6VIN
ICC
25
40
mA
5
Supply Output Current
ICC01
100
mA
6
Supply Output Current
ICC02
100
mA
7
Supply Output Voltage (VCC)VOUT
VCC
-0.5
VCC
-0.3
V
1, 8
Supply Output Voltage (VBAT)VOUT
VBAT
-0.5
VBAT
-0.3
V
1, 9
RST VCC Trip Point DS1836A(or B)-05
VCCTP
4.50
4.63
4.75
V
1
RST VCC Trip Point DS1836A(or B)-10
VCCTP
4.25
4.37
4.50
V
1
RST VCC Trip Point DS1836C(or D)-10
VCCTP
2.80
2.88
2.97
V
1
RST VCC Trip Point DS1836C(or D)-20
VCCTP
2.67
2.72
2.80
V
1
Power Supply Trip Points (VCC to VBAT)
DS1836 C or D
VCCFTP
2.60
2.65
2.70
V
1, 10
Power Supply Trip Points (VBAT to VCC)
DS1836 C or D
VCCRTP
2.70
2.75
2.80
V
1, 10
VBAT Leakage Current
ICC03
0.10
mA
11
Power Supply Trip Points (VCC to VBAT)
DS1836 A or B
VCCFTP
3.80
3.85
3.9
V
1, 10
Power Supply Trip Points (VBAT to VCC)
DS1836 A or B
VCCRTP
3.90
3.95
4.0
V
1, 10
IN Input Trip Point
VTP
1.15
1.25
1.35
V
1
Output Capacitance
COUT
10
pF


Similar Part No. - DS1836C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1836 MAXIM-DS1836 Datasheet
173Kb / 9P
   3.3V/5V MicroManager
121906
More results

Similar Description - DS1836C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1836 MAXIM-DS1836 Datasheet
173Kb / 9P
   3.3V/5V MicroManager
121906
logo
Dallas Semiconductor
DS1238S DALLAS-DS1238S Datasheet
694Kb / 13P
   MicroManager
DS1238 DALLAS-DS1238 Datasheet
216Kb / 14P
   MicroManager
logo
Maxim Integrated Produc...
DS1238A MAXIM-DS1238A Datasheet
216Kb / 13P
   MicroManager
DS1238 MAXIM-DS1238 Datasheet
222Kb / 14P
   MicroManager
111899
DS1239 MAXIM-DS1239 Datasheet
61Kb / 4P
   MicroManager Chip
111899
logo
Dallas Semiconductor
DS1238A DALLAS-DS1238A Datasheet
211Kb / 13P
   MicroManager
DS1239 DALLAS-DS1239 Datasheet
56Kb / 4P
   MicroManager Chip
DS1236 DALLAS-DS1236 Datasheet
323Kb / 19P
   MicroManager Chip
DS1236A DALLAS-DS1236A Datasheet
320Kb / 20P
   MicroManager Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com